Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP Datasheet (PDF) - Vishay Siliconix

TDP Datasheet PDF - Vishay Siliconix
Part # TDP
Download  TDP Download
File Size   91.03 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network

TDP Datasheet (PDF)

Go To PDF Page Download Datasheet
TDP Datasheet PDF - Vishay Siliconix

Part # TDP
Download  TDP Click to download

File Size   91.03 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network

TDP Datasheet (HTML) - Vishay Siliconix


TDP Product details

FEATURES
• Standard rugged, molded case construction
(14 pins and 16 pins)
• Highly stable thin film
(500 ppm at +70 °C at 2000 h)
• Low temperature coefficient (± 25 ppm/°C)
• Compatible with automatic insertion equipment
• Standard isolated pin one common schematic
• Isolated and bussed schematics
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Automatic Timing & Cont...
TDP ATC-TDP Datasheet
297Kb / 1P
Percentage Timer Relay Output
More results


Similar Description - TDP

ManufacturerPart #DatasheetDescription
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
08-Jan-12
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
CNS471 VISHAY-CNS471_17 Datasheet
91Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
28-Aug-13
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
02-Sep-11
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
25-Apr-17
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
CNS471 VISHAY-CNS471_V01 Datasheet
84Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
02-Mar-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com