Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM393CE Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PM393CE
Description  Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM393CE Datasheet(HTML) 1 Page - Artesyn Technologies

  PM393CE Datasheet HTML 1Page - Artesyn Technologies PM393CE Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM300CE SERIES
Single, dual and triple output
[ 2 YEAR WARRANTY ]
• Encapsulated package
• 2.5 to 15W modules
• 230VAC input (115VAC version, see PM300 series)
• Chassis mounting inserts
• Terminal strip connections
• Short circuit protection
• EN55022, EN55011 conducted emissions level B
• EN61000-4-2, -3, -4, -5, -6 compliant
• Meets EN60950
The PM300CE series is an encapsulated, chassis mountable linear AC/DC power
module with the CE mark to demonstrate compliance with the Low Voltage Directive
for European applications. The series has single, dual and triple output models with
industry standard output configurations operating from an input voltage of 230VAC
making the PM300CE series suitable for a wide range of low power chassis
applications. The PM300CE series includes 2.5W to 15W modules. Each module has
short-circuit protection and the 5V outputs also have overvoltage protection.
Conservative design and rating of these modules results in reliable operation and long
life. There are four threaded inserts in the bottom of each module for convenient
chassis mounting. The PM300CE design is a low emissions design with tightly
regulated outputs making the series especially suitable for test, measurement and
instrumentation equipment.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0%, max.
Line regulation
See table on
facing page
Load regulation
See table on
facing page
Temperature coefficient
±0.02%/°C
Overvoltage protection
5V outputs only
6.2V typical
(See Note 4)
Output power limit
130% to 200% FL typ.
Short circuit protection
100% to 200% FL
INPUT SPECIFICATIONS
Input voltage range
230VAC ±10%
Input frequency range
(See Note 2)
47Hz to 400Hz
Safety ground leakage
<3.5mA @ 50Hz
current
EMC CHARACTERISTICS
Conducted emissions
EN55022
Level B
Radiated emissions
EN55022
Level B
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Efficiency
40% typical
Isolation voltage
3000VAC
Isolation capacitance
50pF
Approvals and
Meets EN60950
standards (See Note 5)
Case material
UL94V-0
Non-conductive
black plastic
Weight
Case C1
567g (20.02oz)
Case C2
816g (28.80oz)
MTBF (See Note 3)
710,000 hours
ENVIRONMENTAL SPECIFICATIONS
Temperature
Operating ambient
–25°C to +71°C
Non-operating amb.
–25°C to +71°C
Derating, 50°C to 71°C
2.5%/°C
Cooling
Free-air convection
cooled
Relative Humidity
Non-condensing
20% to 95% RH


Similar Part No. - PM393CE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM393 ARTESYN-PM393 Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM393D ARTESYN-PM393D Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM393CE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
PM300 ARTESYN-PM300 Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM500 ARTESYN-PM500 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PM500CE ARTESYN-PM500CE Datasheet
46Kb / 2P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
AIMTEC
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
15 watt encapsulated ac-dc converter
logo
Recom International Pow...
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
15 Watt Single, Dual & Triple Output
logo
Wall Industries,Inc.
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
logo
Recom International Pow...
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com