Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM367D Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PM367D
Description  Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM367D Datasheet(HTML) 1 Page - Artesyn Technologies

  PM367D Datasheet HTML 1Page - Artesyn Technologies PM367D Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0%, max.
Line regulation
See table on
facing page
Load regulation
See table on
facing page
Temperature coefficient
±0.02%/°C
Overvoltage protection
See table for relevant
6.2V typ.
models
Output power limit
130% to 200% FL typ.
Short circuit protection
100% to 200% FL
INPUT SPECIFICATIONS
Input voltage range
No suffix
115V±10VAC
Suffix "-D"
220V±20VAC
Suffix "-K"
240V±20VAC
Input frequency range
See Note 1
47Hz to 400Hz
GENERAL SPECIFICATIONS
Efficiency
40% typical
Isolation voltage
Input/output, no suffix
700VAC
Suffix "-D" and "-K"
2500VAC
Isolation capacitance
50pF
Approvals and
Safety
UL478
standards
CSA22.2-143 and -154
Case material
Non-conductive
black plastic
Weight
Case C1
567g (20.02oz)
Case C2
816g (28.80oz)
MTBF
710,000 hours
ENVIRONMENTAL SPECIFICATIONS
Temperature
Operating ambient
–25°C to +71°C
Non-operating amb.
–25°C to +85°C
Derating, 50°C to 71°C
2.5%/°C
Cooling
Free-air convection
Relative Humidity
Non-condensing
20% to 95% RH
Recommended for new design-ins
PM300 SERIES
Single, dual and triple output
[ 2 YEAR WARRANTY ]
• Terminal strip connections
• Chassis mounted
• Split bobbin wound
• UL and CSA approved
• 115, 220 or 240VAC input
• Short circuit protection
These popular chassis-mountable linear power modules feature 13 single, 17
dual and 10 triple output models. This series is designed for special applications
where mounting on a housing or metal chassis is required. Input/output
connections are made to screw terminals on a barrier terminal strip and
mounting is made convenient by means of four threaded inserts in the bottom
of each module. For maximum safety, all power transformers are split bobbin
wound, rather than layer wound, to give total isolation between primary and
secondary. Overvoltage crowbar protection is standard on all 5V outputs for
protection of logic circuitry. Standard input voltage is 115VAC at 47 to 400Hz;
other optional inputs are 220, and 240VAC. Input/output isolation voltage is
2500VAC. Output current limiting and short circuit protection are standard.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


Similar Part No. - PM367D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3602-10-RC BOURNS-PM3602-10-RC Datasheet
260Kb / 3P
SMD Inductor/Transformer
PM3602-100-RC BOURNS-PM3602-100-RC Datasheet
260Kb / 3P
SMD Inductor/Transformer
PM3602-15-RC BOURNS-PM3602-15-RC Datasheet
260Kb / 3P
SMD Inductor/Transformer
PM3602-150-RC BOURNS-PM3602-150-RC Datasheet
260Kb / 3P
SMD Inductor/Transformer
PM3602-20-RC BOURNS-PM3602-20-RC Datasheet
260Kb / 3P
SMD Inductor/Transformer
More results

Similar Description - PM367D

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
PM300CE ARTESYN-PM300CE Datasheet
46Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM500 ARTESYN-PM500 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PM500CE ARTESYN-PM500CE Datasheet
46Kb / 2P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
AIMTEC
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
15 watt encapsulated ac-dc converter
logo
Recom International Pow...
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
15 Watt Single, Dual & Triple Output
logo
Wall Industries,Inc.
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
logo
Recom International Pow...
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com