Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM367D Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PM367D
Description  Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM367D Datasheet(HTML) 2 Page - Artesyn Technologies

  PM367D Datasheet HTML 1Page - Artesyn Technologies PM367D Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT
OUTPUT
OVP
REGULATION
RIPPLE AND
CASE
AVAILABLE MODELS
VOLTAGE
CURRENT
LINE
LOAD
NOISE
SINGLE OUTPUT
5VDC
500mA
Yes
±.05%
±0.10%
2mV rms
C1
PM334D
5VDC
1000mA
Yes
±.05%
±0.15%
2mV rms
C1
PM342
PM342D
PM342K
5VDC
2000mA
Yes
±.05%
±0.15%
2mV rms
C2
PM345
PM345D
PM345K
12VDC
600mA
No
±.05%
±0.05%
1mV rms
C2
PM317
PM317D
PM317K
24VDC
200mA
No
±.05%
±0.05%
1mV rms
C1
PM367D
24VDC
400mA
No
±.05%
±0.05%
1mV rms
C2
PM368D
PM368K
DUAL OUTPUT
±12VDC
±240mA
No
±0.05%
±0.05%
1mV rms
C1
PM337
PM337D
PM337K
±12VDC
±400mA
No
±0.05%
±0.05%
1mV rms
C2
PM397
PM397D
PM397K
±15VDC
±100mA
No
±0.05%
±0.05%
1mV rms
C1
PM302
PM302D
±15VDC
±200mA
No
±0.05%
±0.05%
1mV rms
C1
PM365
PM365D
PM365K
±15VDC
±350mA
No
±0.05%
±0.05%
1mV rms
C2
PM301
PM301D
PM301K
±15VDC
±500mA
No
±0.05%
±0.05%
1mV rms
C2
PM396
PM396D
PM396K
TRIPLE OUTPUT
5V/±12VDC
300/±180mA
Yes
±0.05%
±0.1%/±0.05%
1mV rms
C1
PM395
PM395D
5V/±12VDC
500/±120mA
Yes
±0.05%
±0.1%/±0.05%
1mV rms
C1
PM391
PM391K
5V/±12VDC
1000/±150mA
Yes
±0.20%
±0.1%/±0.02%
1.0/0.5mV rms
C2
PM392D
5V/±15VDC
300/±150mA
Yes
±0.05%
±0.1%/±0.05%
1mV rms
C1
PM394D
5V/±15VDC
500/±100mA
Yes
±0.05%
±0.1%/±0.05%
1mV rms
C1
PM390
PM390K
5V/±15VDC
1000/±150mA
Yes
±0.20%
±0.1%/±0.02%
1.0/0.5mV rms
C2
PM393
PM393D
ALL DIMENSIONS IN INCHES (mm)
– 5V OUT
+ 5V OUT
+ 12V OUT
+ 15V OUT
– 12V OUT
– 15V OUT
AC
AC
COM
AC
AC
COM
NC
– OUT
+ OUT
AC
AC
COM
NC
+ OUT
NC
0.75
(19.1)
5.40 BH
Screws
C1 C2
1.45
(36.8)
2.00
(50.8)
2.70
(68.6)
2.00
(50.8)
2.50
(63.5)
4.00
(101.6)
0.35
(8.9)
INSERTS
4.40 THREAD
0.125 (3.2) DEEP
0.75
(19.1)
Single
Output
Models
Dual
Output
Models
Triple
Output
Models
CASE C
International Safety Standard Approvals
UL478 File No. E131987
CSA22.2-143 and -154 File No. LR59996C
Note
1
Some units should be derated for operation at 400Hz. Please contact
factory for details.
2.5 to 15 Watt
AC/DC encapsulated modules
AC/DC ENCAPSULATED MODULES
|
2.5-15W AC
PAGE 2
http://www.artesyn.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com