Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6G Datasheet(PDF) 16 Page - STMicroelectronics

Part # M25PE80-VMP6G
Description  8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE80-VMP6G Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M25PE80-VMP6G Datasheet HTML 12Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 13Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 14Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 15Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 16Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 17Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 18Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 19Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Operating features
M25PE80
16/61
Table 2.
Software protection truth table (Sectors 0 to 15, 64-Kbyte granularity)
Sector Lock Register
Protection Status
Lock
Down Bit
Write
Lock Bit
0
0
Sector Unprotected from Program/Erase/Write operations, Protection Status Reversible
0
1
Sector Protected from Program/Erase/Write operations, Protection Status Reversible
10
Sector Unprotected from Program/Erase/Write operations,
Sector Protection Status cannot be changed except by a Reset or Power-up.
11
Sector Protected from Program/Erase/Write operations,
Sector Protection Status cannot be changed except by a Reset or Power-up.
Table 3.
Not for new design: TY7 process only, Software protection scheme truth
table (Sectors 0 and 15)(1) (2) (3)
Sector Lock
Register
Subsector
Lock Register
Protection Status
Lock
Down
Bit
Write
Lock
Bit
Lock
Down
Bit
Write
Lock
Bit
0
0
00
Current subsector Unprotected from Program/Erase/Write operations,
Current subsector Protection Status Reversible
01
Current subsector Protected from Program/Erase/Write operations,
Current subsector Protection Status Reversible.
10
Current subsector Unprotected from Program/Erase/Write operations, Current
subsector Protection Status cannot be changed except by a Reset or Power-up.
11
Current subsector Protected from Program/Erase/Write operations, Current
subsector Protection Status cannot be changed except by a Reset or Power-up.
1
01
All subsectors Protected from Program/Erase/Write operations, Current
subsector Protection Status Reversible
11
All subsectors Protected from Program/Erase/Write operations, Current
subsector Protection Status cannot be changed except by a Reset or Power-up.
1
0
10
Current subsector Unprotected from Program/Erase/Write operations, All
subsectors Protection Status cannot be changed except by a Reset or Power-up
11
Current subsector Protected from Program/Erase/Write operations, All
subsectors Protection Status cannot be changed except by a Reset or Power-up
111
All subsectors Protected with their Protection Status cannot be changed except
by a Reset or Power-up.
1.
All other bit combinations are not-applicable.
2.
For more details, refer to the description of the Write to Lock Register (WRLR) instruction.
3.
See Important note on page 6 for differences between devices produced in T7Y and T9HX processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com