Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6G Datasheet(PDF) 18 Page - STMicroelectronics

Part # M25PE80-VMP6G
Description  8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE80-VMP6G Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M25PE80-VMP6G Datasheet HTML 14Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 15Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 16Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 17Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 18Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 19Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 20Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 21Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
Memory organization
M25PE80
18/61
5
Memory organization
The memory is organized as:
●
4096 pages (256 bytes each).
●
1,048,576 Bytes (8 bits each)
●
16 sectors (512 Kbits, 65536 bytes each)
●
256 subsectors (32 Kbits, 4096 bytes each)
Each page can be individually:
●
programmed (bits are programmed from 1 to 0)
●
erased (bits are erased from 0 to 1)
●
written (bits are changed to either 0 or 1)
The device is Page, Sector or Bulk Erasable (bits are erased from 0 to 1).
Table 5.
Memory organization
Sector Subsector
Address Range
Sector Subsector
Address Range
15
255
FF000h
FFFFFh
8
143
8F000h
8FFFFh
240
F0000h
F0FFFh
128
80000h
80FFFh
14
239
EF000h
EFFFFh
7
127
7F000h
7FFFFh
224
E0000h
E0FFFh
112
70000h
70FFFh
13
223
DF000h
DFFFFh
6
111
6F000h
6FFFFh
208
D0000h
D0FFFh
96
60000h
60FFFh
12
207
CF000h
CFFFFh
5
95
5F000h
5FFFFh
192
C0000h
C0FFFh
80
50000h
50FFFh
11
191
BF000h
BFFFFh
4
79
4F000h
4FFFFh
176
B0000h
B0FFFh
64
40000h
40FFFh
10
175
AF000h
AFFFFh
3
63
3F000h
3FFFFh
160
A0000h
A0FFFh
48
30000h
30FFFh
9
159
9F000h
9FFFFh
2
47
2F000h
2FFFFh
144
90000h
90FFFh
32
20000h
20FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com