Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC020 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC020
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC020 Datasheet HTML 7Page - National Semiconductor (TI) CLC020 Datasheet HTML 8Page - National Semiconductor (TI) CLC020 Datasheet HTML 9Page - National Semiconductor (TI) CLC020 Datasheet HTML 10Page - National Semiconductor (TI) CLC020 Datasheet HTML 11Page - National Semiconductor (TI) CLC020 Datasheet HTML 12Page - National Semiconductor (TI) CLC020 Datasheet HTML 13Page - National Semiconductor (TI) CLC020 Datasheet HTML 14Page - National Semiconductor (TI) CLC020 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
MEASURING JITTER
The test method used to obtain the timing jitter value given in
the AC Electrical Specification table is based on procedures
and equipment described in SMPTE RP 192-1996. The rec-
ommended practice discusses several methods and indica-
tor devices. An FFT method performed by standard video
test equipment was used to obtain the data given in this data
sheet. As such, the jitter characteristics (or jitter floor) of the
measurement equipment, particularly the measurement ana-
lyzer, become integral to the resulting jitter value. The
method and equipment were chosen so that the test can be
easily duplicated by the design engineer using most stan-
dard digital video test equipment. In so doing, similar results
should be achieved. The intrinsic jitter floor of the CLC020’s
PLL is approximately 25% of the typical jitter given in the
electrical specifications. In production, device jitter is mea-
sured on automatic IC test equipment (ATE) using a different
method compatible with that equipment. Jitter measured
using this ATE yields values approximately 50% of those
obtained using the video test equipment.
The jitter test setup used to obtain values quoted in the data
sheet consists of:
•
National Semiconductor SD020EVK, CLC020 evaluation
kit
•
Tektronix TG2000 signal generation platform with DVG1
option
•
Tektronix VM700T Option 1S Video Measurement Set
•
Tektronix TDS 794D, Option C2 oscilloscope
•
Tektronix P6339A passive probe
•
75 Ohm coaxial cable, 3ft., Belden 8281 or RG59 (2
required)
•
ECL-to-TTL/CMOS level converter/amplifier, Figure 10
Apply the black-burst reference clock from the TG2000 sig-
nal generator’s BG1 module 27MHz clock output to the level
converter input. The clock amplitude converter schematic is
shown in Figure 9. Adjust the input bias control to give a 50%
duty cycle output as measured on the oscilloscope/probe
system. Connect the level translator to the SD020EVK
board, connector P1, P
CLK pins (the outer-most row of pins
10091709
Connect LOCK DETECT to TPG ENABLE for test pattern generator function.
Remove RP1 & RP3 and replace RP2 & RP4 with 50
Ω resistor packs for coax interfacing.
Install RP1-4 when using ribbon cable for input interfacing.
This board is designed for use with TTL power supplies only.
For optional ECL compatible load: R1A = R2A = 187; R1B = R2B = 124.
All resistances & impedances in Ohms. Values with 3 significant digits are 1%; with 2 digits 5%.
FIGURE 8. SD020EVK Schematic Diagram
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com