Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC020 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC020
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC020 Datasheet HTML 7Page - National Semiconductor (TI) CLC020 Datasheet HTML 8Page - National Semiconductor (TI) CLC020 Datasheet HTML 9Page - National Semiconductor (TI) CLC020 Datasheet HTML 10Page - National Semiconductor (TI) CLC020 Datasheet HTML 11Page - National Semiconductor (TI) CLC020 Datasheet HTML 12Page - National Semiconductor (TI) CLC020 Datasheet HTML 13Page - National Semiconductor (TI) CLC020 Datasheet HTML 14Page - National Semiconductor (TI) CLC020 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
PCB LAYOUT AND POWER SYSTEM BYPASS
RECOMMENDATIONS
Circuit board layout and stack-up for the CLC020 should be
designed to provide noise-free power to the device. Good
layout practice also will separate high frequency or high level
inputs and outputs to minimize unwanted stray noise pickup,
feedback and interference. Power system performance may
be greatly improved by using thin dielectrics (4 to 10 mils) for
power/ground sandwiches. This increases the intrinsic ca-
pacitance of the PCB power system which improves power
supply filtering, especially at high frequencies, and makes
the value and placement of external bypass capacitors less
critical. External bypass capacitors should include both RF
ceramic and tantalum electrolytic types. RF capacitors may
use values in the range 0.01 µF to 0.1 µF. Tantalum capaci-
tors may be in the range 2.2 µF to 10 µF. Voltage rating for
tantalum capacitors should be at least 5x the power supply
voltage being used. It is recommended practice to use two
vias at each power pin of the CLC020 as well as all RF
bypass capacitor terminals. Dual vias reduce the intercon-
nect inductance by up to half, thereby reducing interconnect
inductance and extending the effective frequency range of
the bypass components.
The outer layers of the PCB may be flooded with additional
V
SS (ground) plane. These planes will improve shielding and
isolation as well as increase the intrinsic capacitance of the
power supply plane system. Naturally, to be effective, these
planes must be tied to the V
SS power supply plane at fre-
quent intervals with vias. Frequent via placement also im-
proves signal integrity on signal transmission lines by pro-
viding short paths for image currents which reduces signal
distortion. The planes should be pulled back from all trans-
mission lines and component mounting pads a distance
equal to the width of the widest transmission line or the
thickness of the dielectric separating the transmission line
from the internal power or ground plane(s) whichever is
greater. Doing so minimizes effects on transmission line
impedances and reduces unwanted parasitic capacitances
at component mounting pads.
In especially noisy power supply environments, such as is
often the case when using switching power supplies, sepa-
rate filtering may be used at the CLC020’s VCO and output
driver power pins. The CLC020 was designed for this situa-
tion. The digital section, VCO and output driver power supply
feeds are independent (see pinout description table and
pinout drawing for details). Supply filtering may take the form
of L-section or pi-section, L-C filters in series with these V
DD
inputs. Such filters are available in a single package from
several manufacturers. Despite being independent feeds, all
device power supplies should be applied simultaneously as
from a common source. The CLC020 is free from power
supply latch-up caused by circuit-induced delays between
the device’s three separate power feed systems.
REPLACING THE GENNUM GS9022
The CLC020 is form-fit-function compatible with the Gennum
GS9022. The CLC020 can improve the performance of
GS9022 applications using the existing PCB layout with the
removal of certain components or changes to component
10091711
FIGURE 11. Jitter Plots
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com