Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG6D Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NG6D
Description  Low coil power consumption 0.2W. / PC board mounting.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG6D Datasheet(HTML) 2 Page - DB Lectro Inc

  NG6D Datasheet HTML 1Page - DB Lectro Inc NG6D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
NG6D A DC12V
Coil rated DC Voltage
5V, 12V,24V
Contact Arrangement:A:1A
Part number:NG6D
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NG6D
Dimensions
Wiring diagram
(Bottom views)
Mounting (Bottom views)
mm
inch
0.3
0.012
0.6
0.020
0.8
0.031
1.1
0.043
1.13
0.044
2.54
0.100
3.5
0.138
5.08
0.200
6.5
0.244
7.62
0.300
12.5
0.492
15.24
0.600
17.5
0.689
0.043
2,54
0.1
DB LECTRO Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com