Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG6D Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NG6D
Description  Low coil power consumption 0.2W. / PC board mounting.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG6D Datasheet(HTML) 1 Page - DB Lectro Inc

  NG6D Datasheet HTML 1Page - DB Lectro Inc NG6D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low coil power consumption 0.2W.
PC board mounting.
Suitable
for
household
electrical
appliance,
automation system,
electronic
equipment, instrument,
meter,
telecommunication facilities and remote control facilities.
Contact Data
Contact Arrangement
1A
Contact Material
Silver Alloy
Contact Rating (resistive)
5A/30VDC,250VAC ;
Max. Switching Power
150W
1250VA
min Load:10mA/5VDC
Max. Switching Voltage
30VDC
250VAC
Max. Switching Current:5A
Contact Resistance & Voltage drop
100m
Item 3.12 of IEC255-7
Electrical
1
y105
Item 3.30 of IEC255-7
Operation
life
Mechanical
2
y107
Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
Coil Parameter
Coil voltage
VDC
Rated
Max.
Coil resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release
voltage
VDC(min)
(10% of
rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
5
6.5
125
3.75
0.5
12
15.6
720
9.00
1.2
24
31.2
2880
18.0
2.4
0.2W
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 3000V
Surge voltage:6kV
Item 6
of IEC255-5
Item 6 and 8 of IEC255-5
Shock resistance
Functional
100m/s
2 11ms
Endurance
1000m/s
2 6ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Functional
double amplitude 1.5mm
Endurance
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
230
’x2’
10
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
’
Relative Humidity
35%~85%
IEC68-2-3Test Ca
Mass
3g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
49
NG6D
17.5
×6.5×12.5
DB LECTRO Inc.


Similar Part No. - NG6D

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG6D DBLECTRO-NG6D Datasheet
289Kb / 2P
Low coil power consumption 0.2W
logo
HuaXinAn Electronics CO...
NG6D HUAXINAN-NG6D Datasheet
357Kb / 1P
Small size,light weight
logo
DB Lectro Inc
NG6DADC12V DBLECTRO-NG6DADC12V Datasheet
289Kb / 2P
Low coil power consumption 0.2W
NG6DADC24V DBLECTRO-NG6DADC24V Datasheet
289Kb / 2P
Low coil power consumption 0.2W
NG6DADC5V DBLECTRO-NG6DADC5V Datasheet
289Kb / 2P
Low coil power consumption 0.2W
More results

Similar Description - NG6D

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NPA DBLECTRO-NPA Datasheet
195Kb / 2P
Low coil power consumption 0.12W. / PC board mounting, SIL terminal
NG8QN DBLECTRO-NG8QN Datasheet
120Kb / 2P
Low coil consumption. / PC board mounting.
NG5N DBLECTRO-NG5N Datasheet
98Kb / 2P
Switching capacity up to 5A. / Low coil power consumption 0.2W.
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
Low coil power consumption.
NG6D DBLECTRO-NG6D_05 Datasheet
289Kb / 2P
Low coil power consumption 0.2W
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
Low coil power consumption.
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
Low coil power consumption
logo
CIT Relay & Switch
J118 CIT-J118 Datasheet
113Kb / 2P
Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com