Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFB300-24S12-R5Y Datasheet(PDF) 5 Page - Artesyn Technologies

Part # RFB300-24S12-R5Y
Description  DC-DC CONVERTERS 300-350 W Half-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

RFB300-24S12-R5Y Datasheet(HTML) 5 Page - Artesyn Technologies

  RFB300-24S12-R5Y Datasheet HTML 1Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 2Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 3Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 4Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
File Name: rfb300_350.pdf Rev: 03 Feb 2006
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
300-350 W Half-Brick
5
NEW Product
Figure 12 - Mechanical Drawing, Dimension Options and Pin-Out Table
RFB300/350 Series
24Vin and 48Vin single output
Case
-Vin
+Vin
RC
-Sen
Vadj
2x ø0.081 (2.06)
7x ø0.040 (1.02)
-Vout
+Vout
+Sen
0.23
±0.02 (5.84 ±0.51)
0.00 (0.00)
1.900 (48.26)
0 (0.00)
2.000 (50.80)
0
2.27
±0.02 (57.66 ±0.51)
Case Footprint
2.39
±0.02
(60.71
±0.51)
Case Footprint
Height
(See Dimension Option Table Below)
4 x Thru Hole Insert 0.128 (3.25) Clearance
(M3 x 0.5 Threaded Inserts are Available)
0.300 (7.62)
0.700 (17.78)
1.000 (25.40)
1.300 (33.02)
1.700 (43.18)
DIMENSION OPTIONS
OPTION
HEIGHT
5
0.50 ±0.02 (12.70 ±0.51)
4
0.40 ±0.02 (10.16 ±0.51)
PIN CONNECTIONS
PIN NUMBER
FUNCTION
-Vin
Negative Input Terminal
Case
RC
ON/OFF Control Terminal
+Vin
Positive Input Terminal
+Vout
Positive Output Terminal
+Sen
Positive Remote Sense
Vadj
Output Adjustment Trim Pin
-Sen
Negative Remote Sense
-Vout
Negative Output Terminal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com