Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFB300-24S12-R5Y Datasheet(PDF) 1 Page - Artesyn Technologies

Part # RFB300-24S12-R5Y
Description  DC-DC CONVERTERS 300-350 W Half-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

RFB300-24S12-R5Y Datasheet(HTML) 1 Page - Artesyn Technologies

  RFB300-24S12-R5Y Datasheet HTML 1Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 2Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 3Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 4Page - Artesyn Technologies RFB300-24S12-R5Y Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
File Name: rfb300_350.pdf Rev: 03 Feb 2006
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
External output capacitance required (See Note 4)
SPECIFICATIONS
RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series in
an industry standard half-brick package that provides up to 350 W of output power.
The series delivers very high usable output power for today’s high performance RF
power amplifier and similar applications. The four models in the series feature an
input voltage range of 18 Vdc to 36 Vdc and 36 Vdc to 75 Vdc and an output
voltage of 12 V and 28 V. The output voltage is adjustable from 7.2 Vdc to 13.2 Vdc
or 16.8 Vdc to 29.4 Vdc (not to exceed 308 W for the RFB300 [300 W for the
RFB300-24S12] and 350 W for the RFB350). The series also has a remote ON/OFF
capability. Overcurrent, overvoltage and overtemperature protection features are
included as standard. Negative logic remote ON/OFF and other options are also
available. Full international safety approval including EN/IEC60950 VDE and
UL/cUL60950 reduces compliance costs and time to market.
High efficiency topology
Wide temperature range, -40 °C to +100 °C @ full power
High power density (160 W/in3 in 0.4” tall version)
Input voltage range: 18-36 Vdc or 36-75 Vdc
Output voltage range: 7.2-13.2 Vdc or 16.8-29.4 Vdc
Remote ON/OFF
Operational insulation system
Available RoHS compliant
RFB300/350 Series
24 Vin and 48 Vin single output
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0198
Licence No. 40005395
UL/cUL CAN/CSA 22.2 No. 60950
UL 60950 File No. E135734
ABSOLUTE MAXIMUM RATINGS
Input voltage - peak
24 Vin
-0.5-50 Vdc
(100 ms max.,
48 Vin
-0.5-100 Vdc
1.0 % duty cycle max.)
Input voltage continuous 24 Vin
-0.5-40 Vdc
48 Vin
-0.5-80 Vdc
Adjust pin voltage (with
-0.5-12 Vdc
respect to -sense pin)
OUTPUT SPECIFICATIONS
Voltage adjustability
12 Vout
7.2-13.2 Vdc
28 Vout
16.8-29.4 Vdc
Min./max. load
12 Vout
0/25 A, 0/29.2 A
28 Vout
0/11 A, 0/12.5 A
Output load capacitance 12 Vout
470 µF to 4,700 µF
(See Note 10)
28 Vout
330 µF to 3,300 µF
Rise time
(See Note 12)
5 ms typ.
INPUT SPECIFICATIONS
Input current
24 Vin
23.8 A max. @ lo max.
(See Note 3)
48 Vin RFB300
11.2 A max. @ lo max.
48 Vin RFB350
13 A max. @ lo max.
Input reflected ripple
24 Vin
12 mA (pk-pk)
(See Note 4)
48 Vin 12 V model
42 mA (pk-pk)
48 Vin 28 V model
28 mA (pk-pk)
Input capacitance -
24 Vin
39 µF
Internal filter
48 Vin
13 µF
Inrush current
(See Note 11)
2 A2s
DC-DC CONVERTERS
300-350 W Half-Brick
1
NEW Product
EMC CHARACTERISTICS
Conducted emissions
EN55022
See Application Note 167
Radiated emissions
EN55022
See Application Note 167
GENERAL SPECIFICATIONS
Efficiency
24 Vin 12 V model
86%
24 Vin 28 V model
90%
Vin = Vin (nom),
48 Vin 12 V model
88%
Iout (max.)
48 Vin 28 V model
91%
Approvals and
VDE IEC60950
standards
IECEE CB, UL/cUL60950
Material Flammability
UL94V-0
Weight
0.5 inch tall version
110 g (3.88 oz.)
MTBF @ 55 ºC
12 V model
1,900,000 hours min.
Telcordia SR-332 Issue 1 28 V model
2,400,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate, -40 ºC to +100 ºC
temperature
Non-operating
-40 ºC to +100 ºC
RC PIN ELECTRICAL INTERFACE
Open collector compatible
(See AN 167 for remote ON/OFF)
RC:
ON voltage
(See Note 13)
5 V min.
Open circuit voltage
5 V min, 11 V typ
13 V max.
High level leakage current (See Note 14)
-25 µA max.
OFF voltage
(See Note 15)
1.2 V max.
Low level input current
(See Note 16)
-250 µA max.


Similar Part No. - RFB300-24S12-R5Y

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
RFB300-24S12Y EMERSON-NETWORKPOWER-RFB300-24S12Y Datasheet
361Kb / 6P
high efficiency, enclosed, isolated dc-dc converter
logo
Artesyn Technologies
RFB300-24S12Y ARTESYN-RFB300-24S12Y Datasheet
366Kb / 6P
RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
RFB300-24S12Y ARTESYN-RFB300-24S12Y_07 Datasheet
366Kb / 6P
RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
More results

Similar Description - RFB300-24S12-R5Y

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
logo
Power-One
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
logo
Vicor Corporation
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
LV200 WALL-LV200 Datasheet
649Kb / 12P
200 Watt Half-Brick DC - DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com