Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4MP Datasheet(PDF) 15 Page - REAN

Part # RT4MP
Description  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RT4MP Datasheet(HTML) 15 Page - REAN

Back Button RT4MP Datasheet HTML 11Page - REAN RT4MP Datasheet HTML 12Page - REAN RT4MP Datasheet HTML 13Page - REAN RT4MP Datasheet HTML 14Page - REAN RT4MP Datasheet HTML 15Page - REAN RT4MP Datasheet HTML 16Page - REAN RT4MP Datasheet HTML 17Page - REAN RT4MP Datasheet HTML 18Page - REAN RT4MP Datasheet HTML 19Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Phono
"RCA"
Phono
"RCA"
Or dering Information
Type No.
Description
Cable O.D.
Phono ("RCA/Cinch")
NYS 352
Phono plug
7.2 mm
NYS 352AG
Phono plug, all gold plated
7.2 mm
NYS 352B
Phono plug with black metal handle
7.2 mm
NYS 352BG
Phono plug with gold plated contacts and black metal handle
7.2 mm
NYS 352G
Phono plug with gold plated contacts
7.2 mm
NYS 354
Phono receptacle, PCB-mount, max. panel thickness 1.2 mm
–
NYS 355
Phono to phono female adapter
–
NYS 367-*
Phono chassis mount socket, gold plated contacts, color coding
–
NYS 372P
Phono jack with nickel plated contacts and handle
7.2 mm
NYS 372P-BG
Phono jack with gold plated contacts and black plated handle
7.2 mm
NYS 373-*
Phono plug with gold plated contacts, black chromium shell, chuck type strain relief
3.5 – 6.1 mm
*) 0 - black, 2 - red, 4 - yellow, 5 - green, 6 - blue, 9 - white
Specification
Phono ("RCA/Cinch")
Electrical
Rated current
depends on mating connector
Contact resistance
depends on mating connector
Insulation resistance
≥ 1 GΩ
Dielectric strength
500 V dc
Mechanical
Lifetime
> 1`000 mating cycles
Solderability
complies with IEC68-2-20
Operating temperature
-25°C to +70°C
Material
Housing/handle
Zinc diecast or Brass Ni/Au/black plated
Insulation
Thermoplastic
Contacts
Brass, Ni/Au plated
Strain relief
- Crimp type SnCe plated
•
- Chuck tye (POM)
NYS 373
Part number coding:
B .... black handle
G.... gold plated contacts
AG .... all gold, gold plated contacts and shell
BG ... black handle, gold plated contacts
S .... silent switch
GT .... gold plated tip contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com