Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4MP Datasheet(PDF) 4 Page - REAN

Part # RT4MP
Description  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RT4MP Datasheet(HTML) 4 Page - REAN

  RT4MP Datasheet HTML 1Page - REAN RT4MP Datasheet HTML 2Page - REAN RT4MP Datasheet HTML 3Page - REAN RT4MP Datasheet HTML 4Page - REAN RT4MP Datasheet HTML 5Page - REAN RT4MP Datasheet HTML 6Page - REAN RT4MP Datasheet HTML 7Page - REAN RT4MP Datasheet HTML 8Page - REAN RT4MP Datasheet HTML 9Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TINY
xlr
TINY
xlr
TINY xlr Cable Connectors
3, 4 and 5 pole versions available
Easy to assemble
Robust metal housing with best flex relief
Shielded system – high noise immunity
and EMI protection
Intuitive and rugged locking mechanism
provides secure locking system
Millionfold proven chuck type strain relief
Keyed insert and strain relief to avoid
mispositioning/rotation of insert respectively cable
Optional sealing boot (patent pending) on RT*FC-B
for water/sweat protection if mated with RT*MP
Optional screw locking design on RT*FCT-B for
outstanding ruggedness in mated condition
RT4FC-B-W
RT3FC-B
RT3MC-B
RT4FCT-B
RT3FC-B
RT3FC-B-W
RT*MC-B
RT*FCT-B
RT*MPR
RA3FT-B
RA3MT-B
47.5 [1.87“]
44.3 [1.74“]
55.3 [2.18“]
52.3 [2.06“]
RT*MC-B
RT*FCT-B
RT*MPR
RA3FT-B
RA3MT-B
47.5 [1.87“]
44.3 [1.74“]
55.3 [2.18“]
52.3 [2.06“]
RT3FCT-B
RT3MC-B
Female Pin-Layouts (front view)
Male Pin-Layouts (front view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com