Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB101M2V751K Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EB101M2V751K
Description  Safety Standard Recognized Ceramic Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB101M2V751K Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EB101M2V751K Datasheet HTML 1Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 2Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 3Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 4Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 5Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HITANO Enterprise Corp.
3
Y2 Cap.
APPROVAL STANDARD AND FILE NO.:
Agencies
Standard No.
Recognized
File No.
Class & W.V.
Capacitance
Values
UL
UL1414
E189495
AC250V
101-103
CUL
UL1414
E189495
AC250V
101-103
CSA
C22.2 NO.1
LR111381-1
AC250V
101-103
VDE
IEC384-14 2nd Ed.1993
EN132 400:1994
104855
X1: 400V
Y2: 250V
101-103
FIMKO
IEC384-14 2nd Ed.1993
EN132 400:1994
FI196796
X1: 400V
Y2: 250V
101-103
SEMKO
IEC384-14 2nd Ed.1993
EN132 400:1994
9741064/01-02
X1: 400V
Y2: 250V
101-103
NEMKO
IEC384-14 2nd Ed.1993
EN132 400:1994
P97102472
X1: 400V
Y2: 250V
101-103
DEMKO
IEC384-14 2nd Ed.1993
EN132 400:1994
307053
X1:400V
Y2:250V
101-103
SEV
IEC384-14 2nd Ed.1993
EN132 400:1994
97,7 70742,01
X1: 400V
Y2: 250V
101-103



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com