Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB101M2V751K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EB101M2V751K
Description  Safety Standard Recognized Ceramic Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB101M2V751K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EB101M2V751K Datasheet HTML 1Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 2Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 3Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 4Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 5Page - List of Unclassifed Manufacturers EB101M2V751K Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HITANO Enterprise Corp.
5
Y2 Cap.
MARKING
: The mark of Manufacturer.
472
: Capacitance ,EX. 472=47x100=4700(PF)
M
: Capacitance Tolerance , EX. M= ± 20%
76
: Date Code
7: Last digit of ERA
6: Month
Jan,Feb,Mar.......Sep=1,2,3......9
Oct= O
Nov= N
Dec= D
SY
: Type Designation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com