Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1121CD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM1121CD
Description  3.3V 5V 12V HOUSEKEEPING IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1121CD Datasheet(HTML) 1 Page - STMicroelectronics

  TSM1121CD Datasheet HTML 1Page - STMicroelectronics TSM1121CD Datasheet HTML 2Page - STMicroelectronics TSM1121CD Datasheet HTML 3Page - STMicroelectronics TSM1121CD Datasheet HTML 4Page - STMicroelectronics TSM1121CD Datasheet HTML 5Page - STMicroelectronics TSM1121CD Datasheet HTML 6Page - STMicroelectronics TSM1121CD Datasheet HTML 7Page - STMicroelectronics TSM1121CD Datasheet HTML 8Page - STMicroelectronics TSM1121CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Revision A
1/11
s
Over voltage protection for 3.3V 5V and
12V without external components
s
Under voltage protection for 3.3V 5V and
12V without external components
s
Over voltage protection for -12V or -5V with
external components
s
Externally adjustable under voltage
blanking during power up
s
Power good input/output
s
Externally adjustable pg delay
s
Fault output
s
Remote output
s
Externally adjustable remote delay
s
Precision voltage reference
s
2kV ESD protection
DESCRIPTION
The TSM1121 integrated circuit incorporates all
sensing circuitry to regulate and protect from over
voltage and under voltage a multiple output power
supply (3.3V, 5V and 12V).
TSM1121 incorporates all the necessary functions
for Housekeeping features which allow safe
operation in all conditions, and very high system
integration.
TSM1121 integrates a precise voltage reference.
APPLICATION
s
PC SMPS triple power line housekeeping ic
(3.3V 5V 12V)
ORDER CODE
Note: N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape &
Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temperatur
e Range
Package
Marking
ND
TSM1121CN
0 to 85°C
TSM1121C
TSM1121CD
0 to 85°C
M1121
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
VCC
REM
TREM
TPG
PG
VS33
VS5
VS12
PI
TUV
EP
GND
VREF
10
9
8
7
6
5
4
3
2
1
11
12
13
14
FAULT
TSM1121
3.3V 5V 12V HOUSEKEEPING IC
May 2003


Similar Part No. - TSM1121CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
TSM112CD STMICROELECTRONICS-TSM112CD Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
TSM112CN STMICROELECTRONICS-TSM112CN Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
TSM112D STMICROELECTRONICS-TSM112D Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
TSM112N STMICROELECTRONICS-TSM112N Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
More results

Similar Description - TSM1121CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
3.3V 5V 짹12V Housekeeping IC
Jul-2004
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
STMicroelectronics
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
3.3V 5V 짹12V Housekeeping IC
Oct-2004
logo
Murata Power Solutions ...
7803SR-C MURATA-PS-7803SR-C Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
DMS-78XXSR MURATA-DMS-78XXSR Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Texas Instruments
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
3.3V, 5V, 12V, and Adjustable Output Versions
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
DC Fan - 5V, 12V
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com