Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM112 Datasheet (PDF) - STMicroelectronics

TSM112 Datasheet PDF - STMicroelectronics
Part # TSM112
Download  TSM112 Download
File Size   85.74 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V 5V 12V HOUSEKEEPING IC

TSM112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM112 Datasheet PDF - STMicroelectronics

Part # TSM112
Download  TSM112 Click to download

File Size   85.74 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V 5V 12V HOUSEKEEPING IC

TSM112 Datasheet (HTML) - STMicroelectronics


TSM112 Product details

DESCRIPTION
The TSM112 integrated circuit incorporates all sensing circuitry to regulate and protect from over voltage and under voltage a multiple output power supply (3.3V, 5V and 12V).

■ OVER VOLTAGE PROTECTION FOR 3.3V 5V AND 12V WITHOUT EXTERNAL COMPONENTS
■ UNDER VOLTAGE PROTECTION FOR 3.3V 5V AND 12V WITHOUT EXTERNAL COMPONENTS
■ OVER VOLTAGE PROTECTION FOR -12V OR -5V WITH EXTERNAL COMPONENTS
■ EXTERNALLY ADJUSTABLE UNDER VOLTAGE BLANKING DURING POWER UP
■ POWER GOOD INPUT/OUTPUT
■ EXTERNALLY ADJUSTABLE PG DELAY
■ FAULT OUTPUT
■ REMOTE OUTPUT
■ EXTERNALLY ADJUSTABLE REMOTE DELAY
■ PRECISION VOLTAGE REFERENCE
■ 2kV ESD PROTECTION

APPLICATION
■ PC SMPS Triple Power Line Housekeeping IC (3.3V 5V 12V)




Similar Part No. - TSM112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM1121C STMICROELECTRONICS-TSM1121C Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM1121CD STMICROELECTRONICS-TSM1121CD Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM1121CN STMICROELECTRONICS-TSM1121CN Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
More results


Similar Description - TSM112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
3.3V 5V 짹12V Housekeeping IC
Jul-2004
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
STMicroelectronics
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
3.3V 5V 짹12V Housekeeping IC
Oct-2004
logo
Murata Power Solutions ...
7803SR-C MURATA-PS-7803SR-C Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
DMS-78XXSR MURATA-DMS-78XXSR Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Texas Instruments
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
3.3V, 5V, 12V, and Adjustable Output Versions
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
DC Fan - 5V, 12V
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com