Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM112
Description  3.3V 5V 12V HOUSEKEEPING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM112 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM112 Datasheet HTML 1Page - STMicroelectronics TSM112 Datasheet HTML 2Page - STMicroelectronics TSM112 Datasheet HTML 3Page - STMicroelectronics TSM112 Datasheet HTML 4Page - STMicroelectronics TSM112 Datasheet HTML 5Page - STMicroelectronics TSM112 Datasheet HTML 6Page - STMicroelectronics TSM112 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
s OVER VOLTAGE PROTECTION FOR 3.3V
5V AND 12V WITHOUT EXTERNAL COM-
PONENTS
s UNDER VOLTAGE PROTECTION FOR 3.3V
5V AND 12V WITHOUT EXTERNAL COM-
PONENTS
s OVER VOLTAGE PROTECTION FOR -12V
OR -5V WITH EXTERNAL COMPONENTS
s EXTERNALLY ADJUSTABLE UNDER VOLT-
AGE BLANKING DURING POWER UP
s POWER GOOD INPUT/OUTPUT
s EXTERNALLY ADJUSTABLE PG DELAY
s FAULT OUTPUT
s REMOTE OUTPUT
s EXTERNALLY ADJUSTABLE REMOTE
DELAY
s PRECISION VOLTAGE REFERENCE
s
2kV ESD PROTECTION
DESCRIPTION
The TSM112 integrated circuit incorporates all
sensing circuitry to regulate and protect from over
voltage and under voltage a multiple output power
supply (3.3V, 5V and 12V).
TSM112 incorporates all the necessary functions
for Housekeeping features which allow safe oper-
ation in all conditions, and very high system inte-
gration.
TSM112 integrates a precise voltage reference.
APPLICATION
s PC SMPS Triple Power Line Housekeeping
IC (3.3V 5V 12V)
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
Marking
ND
TSM112CN
0 to 85°C
TSM112C
TSM112CD
0 to 85°C
M112
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
VCC
REM
TREM
TPG
PG
VS33
VS5
VS12
PI
TUV
EP
GND
VREF
10
9
8
7
6
5
4
3
2
1
11
12
13
14
FAULT
January 2001
TSM112
3.3V 5V 12V HOUSEKEEPING IC


Similar Part No. - TSM112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM1121C STMICROELECTRONICS-TSM1121C Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM1121CD STMICROELECTRONICS-TSM1121CD Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM1121CN STMICROELECTRONICS-TSM1121CN Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
More results

Similar Description - TSM112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
3.3V 5V 짹12V Housekeeping IC
Jul-2004
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
STMicroelectronics
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
3.3V 5V 짹12V Housekeeping IC
Oct-2004
logo
Murata Power Solutions ...
7803SR-C MURATA-PS-7803SR-C Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
DMS-78XXSR MURATA-DMS-78XXSR Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Texas Instruments
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
3.3V, 5V, 12V, and Adjustable Output Versions
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
DC Fan - 5V, 12V
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com