Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM112 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM112
Description  3.3V 5V 12V HOUSEKEEPING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM112 Datasheet(HTML) 6 Page - STMicroelectronics

  TSM112 Datasheet HTML 1Page - STMicroelectronics TSM112 Datasheet HTML 2Page - STMicroelectronics TSM112 Datasheet HTML 3Page - STMicroelectronics TSM112 Datasheet HTML 4Page - STMicroelectronics TSM112 Datasheet HTML 5Page - STMicroelectronics TSM112 Datasheet HTML 6Page - STMicroelectronics TSM112 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
TSM112: Housekeeping IC.
TSM112 is a one chip solution for all PC SMPS: it
integrates on one chip the Housekeeping Circuitry
(Over Voltage and Under Voltage protections, with
adequate sequencing).
Triple Power Line Protection.
The TSM112 Housekeeping Circuit is dedicated to
3.3V, 5V and 12V power lines protection. It inte-
grates a Precision Voltage Reference, a Triple
Over Voltage Protection Circuit and a Triple Under
Voltage Protection Circuit as well as all the neces-
sary logic and transient timing management cir-
cuits for optimal and secure communication with
the motherboard, during start up, switch off and
stabilized conditions.
Over Voltage Protection
The Over Voltage Protection Circuit is made of
three comparators with internal voltage thresholds
(Vov33, Vov5, Vov12) which do not require any
external components for proper operation. The
outputs of these three comparators are ORed.
Under Voltage Protection
The Under Voltage Protection Circuit is made of
three comparators with internal voltage thresholds
(Vuv33, Vuv5, Vuv12) which do not require any
external components for proper operation. The
outputs of these three comparators are ORed, and
blanked by an internal delay circuitry (Power Up
Blanking - Tuv) which can be adjusted with an ex-
ternal capacitor (Cuv). This allows that during
power up, the under voltage protection circuit is in-
hibited.
Latch OFF
The Over Voltage and Under Voltage Circuits out-
puts are again ORed before activating a latch.
When activated, this latch commands the full
switch OFF of the three main power lines (3.3V,
5V, 12V) by an external link between the house-
keeping and the primary PWM circuits via the
main optocoupler or any other device . Note that
the Under Voltage Circuit, after Power Up UV
blanking, bears no other delay to the latch setting
input whereas the Over Voltage circuit bears an
additional Tfault delay time. This allows an effi-
cient protection against Output Short Circuit con-
ditions.
Power Good
The Over Voltage and Under Voltage Circuits are
Ored to switch the Power Good output active (PG)
to warn the motherboard that the voltage of at
least one of the three power lines is out of range.
The PG activation bears an internal Tpg delay cir-
cuitry which can be adjusted with an external ca-
pacitor (Cpg).
Remote Control
Thanks to this information link to the motherboard,
a resetting signal to the latch is achievable with
the Remote pin (REM). When the Remote pin is
active, the external Fault link between House-
keeping circuit and the PWM generator is active
(high = PWM OFF) and the PG pin is active (high).
Note that to reset effectively the latch, a minimum
width Remote pulse should be applied thanks to
an internal delay circuitry (Trem) which can be ad-
justed with an external capacitor (Crem).
TSM112
PRINCIPLE OF OPERATION AND APPLICATION HINTS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com