Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM112 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM112
Description  3.3V 5V 12V HOUSEKEEPING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM112 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM112 Datasheet HTML 1Page - STMicroelectronics TSM112 Datasheet HTML 2Page - STMicroelectronics TSM112 Datasheet HTML 3Page - STMicroelectronics TSM112 Datasheet HTML 4Page - STMicroelectronics TSM112 Datasheet HTML 5Page - STMicroelectronics TSM112 Datasheet HTML 6Page - STMicroelectronics TSM112 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSM112
3/7
ELECTRICAL CHARACTERISTICS
Tamb = 25°C and Vcc = 17V (unless otherwise
specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Total Current Consumption
Icc
Total Supply Current
3
5
mA
Over Voltage and Under Voltage Protection
Vov33
Over Voltage Sense 3.3V
Input can go higher than
Vcc
3.8
4
4.2
V
Vov5
Over Voltage Sense 5V
Input can go higher than
Vcc
5.8
6.1
6.4
V
Vov12
Over Voltage Sense12V
Input can go higher than
Vcc
13.4
14.2
15
V
Vuv33
Under Voltage Sense 3.3V
2.1
2.3
2.5
V
Vuv5
Under Voltage Sense 5V
3.7
4
4.3
V
Vuv12
Under Voltage Sense 12V
9.2
10
10.8
V
Vep
Extra Over voltage Protection Threshold
1.28
V
Tfault
Fault Delay Before Latching
Internally Fixed Delay
100
µs
Under Voltage Blanking During Power Up
Tuv
Under Voltage Blanking During Power
Up (Vcc rising)
Cuv = 2.2
µF
Adjustable Blanking
100
300
500
ms
Thuv
Blanking Threshold
1.28
V
Power Good (PG)
Vpgth
Power Good Voltage Threshold
1.28
V
Vpghyst Power Good Voltage Threshold
Hysteresis
70
mV
Vpgol
Low Output Open Collector Saturation
Voltage
Collector Current = 15mA
0.4
V
Ipgoh
High Output Open Collector Leakage
Current
PG Output = 5V
1
µA
Tpgr
Power Good Output Rise Time
Load Capacitor = 100pF
1
µs
Tpgf
Power Good Output Fall Time
Load Capacitor = 100pF
1
µs
Tpg
Power Good Adjustable Delay
Load Capacitor Cpg=2.2
µF
100
300
500
ms
PIth
Power Input Detection Threshold
1.28
V
Fault
Vfaultol
Fault Output Saturation Voltage Level
IFault = 1mA
1
V
Ifaultoh
Fault Output Leakage Current Level
Vfault = 5V
1
µA
Remote Control (REM)
Vremth
Remote ON/OFF Input Voltage
Threshold
0.7
0.8
1
V
Vremih
High Input Remote Voltage
3.3
3.4
V
Iremil
Low Input Remote Saturation Current
0.5
mA
Trem1
Remote Adjustable Delay ON to OFF
Load Capacitor
Crem=0.1
µF
40
50
60
ms
Trem2
Remote Adjustable Delay OFF to ON
Load Capacitor
Crem=0.1
µF
40
50
60
ms
Voltage Reference
Vref
Internal Voltage Reference
Io = 0mA
2.46
2.5
2.54
V
Regline
Line regulation
Io = 0mA
4.5V<Vcc<24V
410
mV
Regline
Line regulation
Io = 10mA
4.5V<Vcc<24V
15
mV
Regload Load regulation 1)
0<Io<10mA
25
mV
1. Do not short circuit the Vref Pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com