Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM112 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM112
Description  3.3V 5V 12V HOUSEKEEPING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM112 Datasheet(HTML) 4 Page - STMicroelectronics

  TSM112 Datasheet HTML 1Page - STMicroelectronics TSM112 Datasheet HTML 2Page - STMicroelectronics TSM112 Datasheet HTML 3Page - STMicroelectronics TSM112 Datasheet HTML 4Page - STMicroelectronics TSM112 Datasheet HTML 5Page - STMicroelectronics TSM112 Datasheet HTML 6Page - STMicroelectronics TSM112 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TSM112
4/7
Figure 1 : Figure 1: Application Schematic
Figure 2 : Internal Schematic
PRIMARY
RECT.
MAIN
CONV.
12V
5V
3.3V
AUX.
CONV.
5Vstby
Vcc
~
TSM112
Over & Undervoltage Protection
Reference
Logic
Sequencer
12V
5V
3.3V
5Vstby
PG
REM
FAULT
PWM + OPTO
PWM + OPTO
+ Vref
+ Vref
OVP
Vref
HOUSEKEEPING
LOGIC
SECONDARY
Vcc
Vs12
Vs5
Vs33
PG
REM
FROM
MAIN
CONV.
POWER
SUPPLY
OUTPUT
12V
5V
3.3V
12V
5V
3.3V
PI
TO
UVP
Trem
Tpg
UV
BLANK
Tuv
FAULT
Gnd
TSM112
Vref
Ep



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com