Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LP02M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 3LP02M
Description  P-Channel Silicon MOSFET (Ultrahigh-Speed Switching Applications)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP02M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  3LP02M Datasheet HTML 1Page - Sanyo Semicon Device 3LP02M Datasheet HTML 2Page - Sanyo Semicon Device 3LP02M Datasheet HTML 3Page - Sanyo Semicon Device 3LP02M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D1099TS (KOTO) TA-1852 No.6127-1/4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
Ordering number:ENN6127
3LP02M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications
Absolute Maximum Ratings at Ta = 25˚C
0.3
0.65 0.65
2.0
0.15
0 to 0.1
0.3
0.6
0.9
12
3
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2158
[3LP02M]
Features
· Low ON resistance.
· Ultrahigh-speed switching.
· 2.5V drive.
1 : Gate
2 : Source
3 : Drain
SANYO : MCP3
˚C
˚C
Marking : XD
Continued on next page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
3
–V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
1
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
2
.
0
–A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
≤
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
18
.
0
–A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
5
1
.
0W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
–
=
S
G
0
=0
3
–V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
3
–
=
S
G
0
=0
1
–A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
8
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
–
=
D
A
µ
0
0
1
–
=4
.
0
–4
.
1
–V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
–
=
D
A
m
0
0
1
–
=1
2
.
03
.
0S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID
V
,
A
m
0
0
1
–
=
S
G
V
4
–
=4
.
21
.
3
Ω
R
)
n
o
(
S
D
2ID
V
,
A
m
0
5
–
=
S
G
V
5
.
2
–
=5
.
39
.
4
Ω
R
)
n
o
(
S
D
3ID
V
,
A
m
0
1
–
=
S
G
V
5
.
1
–
=0
10
2
Ω


Similar Part No. - 3LP02M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3LP02C SANYO-3LP02C Datasheet
393Kb / 4P
3LP02C
3LP02N SANYO-3LP02N Datasheet
43Kb / 4P
Ultrahigh-Speed Switching Applications
3LP02SP SANYO-3LP02SP Datasheet
44Kb / 4P
Ultrahigh-Speed Switching Applications
More results

Similar Description - 3LP02M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW250 SANYO-FW250 Datasheet
30Kb / 4P
N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
FTD7003 SANYO-FTD7003 Datasheet
29Kb / 4P
P-Channel Silicon MOSFET High-Speed Switching Applications
CPH3318 SANYO-CPH3318 Datasheet
46Kb / 4P
P-Channel Silicon MOSFET(Ultrahigh-Speed Switching Applications)
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
ECH8401 SANYO-ECH8401 Datasheet
45Kb / 4P
N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
5LP01N SANYO-5LP01N Datasheet
44Kb / 4P
P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
FW513 SANYO-FW513 Datasheet
326Kb / 5P
MOSFET : N-Channel Silicon MOSFET FRD : Ultrahigh-Speed Switching Diode Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com