Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LP02M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 3LP02M
Description  P-Channel Silicon MOSFET (Ultrahigh-Speed Switching Applications)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP02M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  3LP02M Datasheet HTML 1Page - Sanyo Semicon Device 3LP02M Datasheet HTML 2Page - Sanyo Semicon Device 3LP02M Datasheet HTML 3Page - Sanyo Semicon Device 3LP02M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6127-2/4
3LP02M
Switching Time Test Circuit
Continued from preceding page.
PW=10
µs
D.C.
≤1%
0V
--4V
VIN
P.G
50
Ω
G
D
ID=--100mA
RL=150Ω
VDD=--15V
VOUT
3LP02M
S
VIN
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
–
=8
2F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
–
=5
1F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
–
=2
.
5F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S4
2s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
7s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
0
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
5
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
m
0
0
2
–
=2
C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
m
0
0
2
–
=5
2
.
0C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
m
0
0
2
–
=5
3
.
0C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
m
0
0
2
–
=
S
G
0
=2
8
.
0
–2
.
1
–V
0
0
--0.02
--0.04
--0.06
--0.08
--0.12
--0.14
--0.16
--0.18
--0.20
--0.2
--0.10
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
VGS=--1.5V
--3.5V
--2.0V
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
0
--0.05
--0.10
--0.15
--0.20
--0.25
--0.30
--0.35
--0.40
ID -- VGS
VDS=--10V
0
0
--1
1
--2
2
--3
3
--4
4
--5
5
6
7
--6
8
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
--50mA
ID=--100mA
--0.01
1.0
--0.1
23
5
7
2
3
5
7
10
7
5
3
2
--1.0
RDS(on) -- ID
VGS=--4V
Ta=75
°C
25
°C
--25
°C
IT00237
IT00238
IT00239
IT00240
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Drain Current, ID –A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com