Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV241DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV241DB
Description  Octal buffer/line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV241DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV241DB Datasheet HTML 2Page - NXP Semiconductors 74LV241DB Datasheet HTML 3Page - NXP Semiconductors 74LV241DB Datasheet HTML 4Page - NXP Semiconductors 74LV241DB Datasheet HTML 5Page - NXP Semiconductors 74LV241DB Datasheet HTML 6Page - NXP Semiconductors 74LV241DB Datasheet HTML 7Page - NXP Semiconductors 74LV241DB Datasheet HTML 8Page - NXP Semiconductors 74LV241DB Datasheet HTML 9Page - NXP Semiconductors 74LV241DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV241
Octal buffer/line driver (3-State)
1998 May 20
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
45
t
/t
Propagation delay
1A to 1Y ;
Figures 1
2.0
15
31
36
ns
tPHL/tPLH
1An to 1Yn;
2An to 2Yn
Figures 1
2.7
11
23
26
ns
3.0 to 3.6
92
18
21
1.2
55
t
/t
3-State output enable time
1OE to 1Y ;
Figures 2 3
2.0
19
36
44
tPZH/tPZL
1OE to 1Yn;
2OE to 2Yn
Figures 2, 3
2.7
14
26
33
ns
3.0 to 3.6
102
21
26
1.2
60
t
/t
3-State output disable time
1OE to 1Y ;
Figures 2 3
2.0
22
39
48
tPHZ/tPLZ
1OE to 1Yn;
2OE to 2Yn
Figures 2, 3
2.7
17
29
36
ns
3.0 to 3.6
132
24
29
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C.
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V; VM = 0.5 V × VCC at VCC < 2.7 V
VX = VOL + 0.3 V at VCC ≥ 2.7 V; VX = VOL + 0.1 V × VCC at VCC <
2.7 V
VY = VOH – 0.3 V at VCC ≥ 2.7V; VY = VOH – 0.1 × VCC at VCC < 2.7
V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00617
VM
INPUTS
OUTPUT
VM
tPLH
tPHL
GND
VOL
VI
VOH
Figure 1. Input (1An, 2An) to output (1Yn, 2Yn)
propagation delays.
SV00618
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
LOW-to-OFF
OFF-to-LOW
VM
VM
1OE INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
Figure 2. 3-State enable and disable times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com