Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV241DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV241DB
Description  Octal buffer/line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV241DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV241DB Datasheet HTML 1Page - NXP Semiconductors 74LV241DB Datasheet HTML 2Page - NXP Semiconductors 74LV241DB Datasheet HTML 3Page - NXP Semiconductors 74LV241DB Datasheet HTML 4Page - NXP Semiconductors 74LV241DB Datasheet HTML 5Page - NXP Semiconductors 74LV241DB Datasheet HTML 6Page - NXP Semiconductors 74LV241DB Datasheet HTML 7Page - NXP Semiconductors 74LV241DB Datasheet HTML 8Page - NXP Semiconductors 74LV241DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV241
Octal buffer/line driver (3-State)
1998 May 20
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
1OE
Output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3 Data inputs
3, 5, 7, 9
2Y0 to 2Y3 Bus outputs
10
GND
Ground (0 V)
17, 15, 13, 11
2A0 to 2A3
Data inputs
18, 16, 14, 12
1Y0 to 1Y3
Bus outputs
19
2OE
Output enable input (active HIGH)
20
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
SV00609
18
16
14
12
2
4
6
8
EN
1
9
7
5
3
11
13
15
17
EN
19
FUNCTIONAL DIAGRAM
SV00616
2Y0
3
2Y1
5
2Y2
7
2Y3
9
2A0
17
2A1
15
2A2
13
2A3
11
2OE
19
1Y0
18
1Y1
16
1Y2
14
1Y3
12
1A0
2
1A1
4
1A2
6
1A3
8
1OE
1
FUNCTION TABLE
INPUTS
OUTPUT
1OE
1An
2OE
2An
1Yn
2Yn
L
L
H
L
H
L
L
H
H
H
L
H
H
X
L
X
Z
Z
NOTES:
H =
HIGH voltage level
L
=
LOW voltage level
X =
don’t care
Z =
high impedance OFF-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com