Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT40C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SMT40C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT40C Datasheet(HTML) 1 Page - Artesyn Technologies

  SMT40C Datasheet HTML 1Page - Artesyn Technologies SMT40C Datasheet HTML 2Page - Artesyn Technologies SMT40C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2 YEAR WARRANTY
SMT40C Series
12 Vin single output
All specifications are typical at nominal input Vin = 12 V, full load at 25 °C unless otherwise stated
SPECIFICATIONS
File Name: smt40c.pdf Rev (04): 16 Dec 2005
DC-DC CONVERTERS
C Class Non-isolated
1
40 A current rating
Input voltage range: 10.2 Vdc - 13.8 Vdc
Output voltage range: 0.9 Vdc - 5.0 Vdc
Industry leading value
Cost optimized design
Excellent transient response
Output voltage adjustability
Pathway for future upgrades
Supports silicon voltage migration
Resulting in reduced design-in and qualification time
Designed in reliability: MTBF of >4 million hours
per Telcordia SR-332
Current share
Available RoHS compliant
The SMT40C Series is a new high density open frame non-isolated converter for space-
sensitive applications. Each model has a wide input range o
f 10.2 Vdc to 13.8 Vdc and offers
a wide
0.9 Vdc to 5.0 Vdc output voltage range with a 40 A load. An external resistor adjusts
the output voltage from its pre-set value of 0.9 V to any value up to 5 V. Typical efficiencies are
92% at full load conditions. The SMT40C series offers remote ON/OFF and overcurrent
protection as standard. With full international safety approval including EN60950 and
UL/cUL60950, the SMT40C reduces compliance costs and time to market.
NEW Product
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 5)
0.9-5.0 Vdc
Output setpoint accuracy 1.0% trim resistors
±3.0%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±1.5% max.
Min/max load
0 A/40 A
Overshoot
At turn-on
1.0% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
(See Note 1)
50 mV pk-pk
5 Hz to 20 MHz
15 mV rms
Transient response
75 mV max. deviation
(See Note 2)
50 µs recovery to
within regulation band
Current share
Full load
±10%
INPUT SPECIFICATIONS
Input voltage range
10.2-13.8 Vdc
Input current
Minimum load
290 mA
Remote OFF
30 mA
Input current (max.)
22 A max @ lo max
and Vin = 10.2 V
Input reflected ripple
(See Note 4)
150 mA pk-pk
Remote ON/OFF
Logic compatibility
Positive logic
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power up
<30 ms
(See Note 8)
Remote ON/OFF
<30 ms
Turn ON threshold
9.0 Vdc typ.
Turn OFF threshold
7.6 Vdc typ.
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950
UL 60950 File No. E139421
TÜV Product Service (EN60950:2000)
Certificate No. B 04 08 19870 228
CB report and certificate to IEC60950-US/6415C/UL
GENERAL SPECIFICATIONS
Efficiency
92% typ.
Switching frequency
Fixed
300 kHz typ.
Approvals and
(See Note 7)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3 g (1.0 oz)
Coplanarity
150 µm
MTBF
Telcordia SR-332,
4,585,991 hours
method II @ 40 ºC
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 ºC to +80 ºC
(See Note 9)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Foldback, non-latching
Over-temperature
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 10) 2 x 270 µF/20 m
ESR max.
Output capacitance
(See Note 10) 3 x 680 µF/10 m
ESR max.


Similar Part No. - SMT40C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT40C EMERSON-NETWORKPOWER-SMT40C Datasheet
255Kb / 4P
new high density open frame non-isolated converter
SMT40C-12SADJJ EMERSON-NETWORKPOWER-SMT40C-12SADJJ Datasheet
255Kb / 4P
new high density open frame non-isolated converter
logo
Artesyn Technologies
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
logo
Advanced Energy Industr...
SMT40C2 ADVANCEDENERGY-SMT40C2 Datasheet
152Kb / 7P
C-Class Non-Isolated
logo
Artesyn Technologies
SMT40C2-00SADJ-HJ ARTESYN-SMT40C2-00SADJ-HJ Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SMT40C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com