Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2030 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 4Page - Microchip Technology MCP2030 Datasheet HTML 5Page - Microchip Technology MCP2030 Datasheet HTML 6Page - Microchip Technology MCP2030 Datasheet HTML 7Page - Microchip Technology MCP2030 Datasheet HTML 8Page - Microchip Technology MCP2030 Datasheet HTML 9Page - Microchip Technology MCP2030 Datasheet HTML 10Page - Microchip Technology MCP2030 Datasheet HTML 11Page - Microchip Technology MCP2030 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MCP2030
DS21981A-page 8
© 2005 Microchip Technology Inc.
FIGURE 2-3:
Oscillator Frequency vs.
Temperature, VDD = 3.6V and 2.0V.
FIGURE 2-4:
Oscillator Frequency
Histograms vs. Temperature, VDD = 2V.
FIGURE 2-5:
Oscillator Frequency
Histograms vs. Temperature at VDD = 3V.
FIGURE 2-6:
De-Q’ed Voltage vs.
Unloaded Coil Voltage.
FIGURE 2-7:
Modulation Transistor-on
Resistance (+25°C).
FIGURE 2-8:
Channel Sensitivity vs.
Bandwidth.
29
30
31
32
33
34
35
-50
-25
0
25
50
75
100
125
Temperature (°C)
Osc. Freq. @ VDD = 3.6V
Osc. Freq. @ VDD = 2.0V
0.0%
5.0%
10.0%
15.0%
20.0%
25.0%
30.0%
35.0%
40.0%
45.0%
50.0%
Oscillator Frequency (kHz.)
-40C
25C
85C
VDD = 2.0V
0.0%
5.0%
10.0%
15.0%
20.0%
25.0%
30.0%
35.0%
40.0%
45.0%
50.0%
Oscillator Frequency (kHz.)
-40C
25C
85C
VDD = 3.6V
0
2
4
6
8
10
12
0
200
400
600
800
Unloaded Coil Voltage (VPP)
0
10
20
30
40
50
60
70
80
0246
VDD (V)
Ch. X
Ch. Y
Ch. Z
0
5
10
15
20
25
0
2 00
400
60 0
F re que nc y ( k H z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com