Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2030 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2030 Datasheet HTML 1Page - Microchip Technology MCP2030 Datasheet HTML 2Page - Microchip Technology MCP2030 Datasheet HTML 3Page - Microchip Technology MCP2030 Datasheet HTML 4Page - Microchip Technology MCP2030 Datasheet HTML 5Page - Microchip Technology MCP2030 Datasheet HTML 6Page - Microchip Technology MCP2030 Datasheet HTML 7Page - Microchip Technology MCP2030 Datasheet HTML 8Page - Microchip Technology MCP2030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 1
MCP2030
Device Features:
• Three input pins for analog input signals
• High input detection sensitivity (3 mVPP, typical)
• High modulation depth sensitivity (as low as 8%)
• Three output selections:
- Demodulated data
- Carrier clock
- RSSI
• Input carrier frequency: 125 kHz, typical
• Input data rate: 10 Kbps, maximum
• 8 internal Configuration registers
• Bidirectional transponder communication
(LF talk back)
• Programmable antenna tuning capacitance
(up to 63 pF, 1 pF/step)
• Programmable output enable filter
• Low standby current: 4
μA (with 3 channels
enabled), typical
• Low operating current: 13
μA (with 3 channels
enabled), typical
• Serial Peripheral Interface (SPI™) with external
devices
• Supports Battery Back-Up mode and batteryless
operation with external circuits
• Industrial and Extended Temperature Range:
-40°C to +85°C (industrial)
Typical Applications:
• Automotive industry applications:
- Passive Keyless Entry (PKE) transponder
- Remote door locks and gate openers
- Engine immobilizer
- LF initiator sensor for tire pressure monitoring
systems
• Security Industry applications:
- Long range access control transponder
- Parking lot entry transponder
- Hands-free apartment door access
- Asset control and management
Description:
The MCP2030 is a stand-alone Analog Front-End
(AFE) device for Low-Frequency (LF) sensing and bidi-
rectional communication applications. The device has
eight
internal
Configuration
registers
which
are
readable and programmable, except the read-only
STATUS register, by an external device.
The device has three low-frequency input channels.
Each input channel can be individually enabled or dis-
abled. The device can detect an input signal with ampli-
tude as low as ~1 mVPP and can demodulate an
amplitude-modulated input signal with as low as 8%
modulation depth. The device can also transmit data by
clamping and unclamping the input LC antenna
voltage.
The device can output demodulated data, carrier clock
or RSSI current depending on the register setting. The
demodulated data and carrier clock outputs are avail-
able on the LFDATA pin, while the RSSI output is avail-
able on the RSSI pin. The RSSI current output is
linearly proportional to the input signal strength.
The device has programmable internal tuning capaci-
tors for each input channel. The user can program
these capacitors up to 63 pF, 1 pF per step. These
internal tuning capacitors can be used effectively for
fine-tuning of the external LC resonant circuit.
The device is optimized for very low current consump-
tion and has various battery-saving low-power modes
(Sleep, Standby, Active). The device can also be oper-
ated in Battery Back-up and Batteryless modes using a
few external components.
This device is available in 14-pin PDIP, SOIC, and
TSSOP packages. This device is also used as the AFE
in the PIC16F639.
Package Types:
1
2
3
4
5
6
7
14
13
12
9
11
10
8
NC
LCCOM
LCX
VSS
LFDATA/
VDD
LCZ
LCY
VSS
CS
SCLK/ALERT
RSSI
NC
VDD
CCLK/SDIO
MCP2030
PDIP, SOIC, TSSOP
Three-Channel Analog Front-End Device


Similar Part No. - MCP2030

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2030A MICROCHIP-MCP2030A Datasheet
1Mb / 74P
Three-Channel Analog Front-End Devicewith 1 mVPP Input Detection Sensitivity
2011
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
08/24/05
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
Three-Channel Analog Front-End Device
2005-2013
More results

Similar Description - MCP2030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
Three-Channel Analog Front-End Device
2005-2013
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
08/24/05
MCP2035 MICROCHIP-MCP2035 Datasheet
1Mb / 68P
Analog Front-End Device for BodyCom Applications
11/29/11
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
3V Three-Channel Analog Front End
03/25/14
logo
DATEL, Inc.
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com