Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL20 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SSL20
Description  EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SSL20 Datasheet(HTML) 1 Page - Artesyn Technologies

  SSL20 Datasheet HTML 1Page - Artesyn Technologies SSL20 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL AC/DC POWER SUPPLIES
15-20 W External AC/DC Power Supplies
1
2 YEAR WARRANTY
SSL20 Series
Single, Dual and T riple Output
• 4.21 x 2.24 x 0.98 inch enclosure
• 15-20 W external power supply
• Molded UL94V-0 plastic enclosure
• Stand alone ‘listed’ equipment
• Overvoltage and short circuit protection
• EN55022, EN55011, FCC conducted and radiated emissions level B
• UL, CSA and VDE safety approvals
• Available RoHS compliant
The SSL20 series is a 15-20 W universal input ac-dc external Class II power supply in a
4.21 x 2.24 x 0.98 inch plastic enclosure. The SSL20 is a low cost series with five single
output and two multiple output models in a very small package providing a pre-
approved external power solution for a host of worldwide low power portable and
desktop applications. The SSL20 provides up to 20 W of output power with free air
convection cooling. Standard features include universal input, overvoltage, short circuit
protection and EN55022 conducted emissions level B. The series, with full international
safety approval and the CE mark, provides pre-approved SELV outputs without the
need for further safety approval or mechanical integration into the application system.
The SSL20 series is designed for use in low power, portable and desktop data
networking, computer and industrial applications requiring low cost external power
adapters in a small package.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
GENERAL SPECIFICATIONS
Hold-up time
110 Vac @ full load
8 ms
Efficiency
110 Vac @ full load
70% typ.
Isolation voltage
Input/output
3000 Vac
Switching frequency
Fixed
60 kHz, ±10 kHz
Approvals and
EN60950, IEC950, UL1950
standards
BABT, CSA C22.2 No. 950
Case Material
General Electric Lexan, black
Flammability rating
UL94V-0
Weight
120 g (4.5 oz)
MTBF
MIL-HDBK-217F
150,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, full load
0 °C to +40 °C
Non-operating
–40 °C to +85 °C
0°C to +40°C ambient,
Full load
convection cooled
Peak
(See Note 1)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 6)
5-500Hz
2.4 G rms
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(Line and load)
Auxiliary outputs
±5.0%
Overshoot/undershoot
At turn on
2.0%
Transient response
Main output
±5.0% max. dev.,
50% to 100%
1ms recovery
full load step
to 1.0%
Temperature coefficient
±0.02%/°C, max.
Overvoltage protection
Main output
See table
Short circuit protection
Continuous
with auto-restart
Minimum output current
See table
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vdc
Input frequency range
47-440 Hz
Input current
90 Vac
0.6 Arms max.
230 Vac
0.3 Arms max.
EMC CHARACTERISTICS
Radiated emissions
EN55022/11, FCC part 15
Level B
Conducted emissions
EN55022/11, FCC part 15
Level B
SPECIFICATIONS
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 104722
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062
Certification pending
geprüfte
Sicherhelt
File Name: ssl20.pdf Rev (01): 07 Nov 2005


Similar Part No. - SSL20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SSL20 RECTRON-SSL20 Datasheet
414Kb / 4P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
Silicon Supplies
SSL20A SS-SSL20A Datasheet
162Kb / 3P
200 Watt, Uni-Directional TVS Diode
Rev 1.0 02/12/24
logo
Artesyn Technologies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
logo
Emerson Network Power
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Artesyn Technologies
SSL20C-7605 ARTESYN-SSL20C-7605 Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
More results

Similar Description - SSL20

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
40W External AC/DC Power Supplies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
DT62 TDK-DT62 Datasheet
239Kb / 2P
62W to 80W AC-DC External Power Supplies
DT100 TDK-DT100 Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
DTM165-C TDK-DTM165-C Datasheet
105Kb / 2P
160W to 165W Medical AC-DC External Power Supplies
logo
CUI INC
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com