Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL20 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SSL20
Description  EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SSL20 Datasheet(HTML) 2 Page - Artesyn Technologies

  SSL20 Datasheet HTML 1Page - Artesyn Technologies SSL20 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Peak output current lasting less than 60 seconds with duty cycle less
than 5.0%. During peak loading, output voltage may exceed total
regulation limits.
2
20 MHz bandwidth, peak to peak, measured using a 12 inch twisted pair,
terminated with 47 µF electrolytic capacitor.
3
Total regulation is defined as the static output regulation at 25 °C,
including initial tolerance, line voltage within stated limits, load currents
within stated limits, and output voltages adjusted to their factory settings.
4
To help maintain the power supply safety approvals, the IEC320/C7 input
connector cable must be rated minimum 3.0 A and approved by an
applicable safety agency for the intended country of use. National and
international variations on mains plugs, adapters and customer
preference to lead length prevents Artesyn from supplying an IEC320/C7
(or compatible) input connector cable. The IEC320/C7 input (or
compatible) connector cable can be sourced locally, e.g. Newark, Qual
Electronics, Radio Shack, etc. or other non affiliated distributors.
5
Main output voltage protected by Zener diode.
6
Three orthogonal axes random vibration, 10 minute test for each axis.
7
Maximum output power of 20 Watts for single output models and 15
Watts for multiple output models.
8
The ‘J’ suffix indicates that these parts are Pb-free
(RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free)
compliant versions may be available on special request,
please contact your local sales representative for
details.
9
NOTICE: Some models do not support all options.
Please contact your local Artesyn representative or use
the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to
find a suitable alternative.
SSL20 Series
Single, Dual and T riple Output
EXTERNAL AC/DC POWER SUPPLIES
15-20 W External AC/DC Power Supplies
2
www.artesyn.com
MULTIPLE OUTPUT PIN CONNECTIONS MINI DIN PLUG
OUTPUT
DUAL
TRIPLE
MATING CONNECTOR
PIN NO.
OUTPUT
OUTPUT
1V
A
V
A
2V
A
V
A
AMP Shielded
3V
A
V
A
Miniature circular
4V
B
V
B
DIN Plug 8 Pin P/N
5
Return
V
C
749179-1 or equiv.
6
Return
Return
7
Return
Return
8
Return
Return
SINGLE OUTPUT PIN CONNECTIONS 2.5 MM JACK PLUG
Inner
V
A
SWITCHCRAFT Power
Outer
Return
Jack, P/N 712A or equiv.
OUTPUT
OUTPUT CURRENTS
RIPPLE (2)
OVP
TOTAL
MODEL
VOLTAGE
MIN
MAX (7)
PEAK (1)
THRESHOLD (5)
REGULATION (3)
NUMBER (7,8,9)
+5 V (VA)0 A
4.0 A
4.5 A
50 mV
5.6-6.9 V
±2.0%
SSL20-7605J
+12 V (VA)0 A
1.67 A
1.9 A
120 mV
14-16.7 V
±2.0%
SSL20-7612J
+15 V (VA)0 A
1.33 A
1.5 A
150 mV
17.5-21 V
±2.0%
SSL20-7615J
+24 V (VA)0 A
0.83 A
1.0 A
150 mV
29-34.2 V
±2.0%
SSL20-7624J
+48 V (VA)0 A
0.42 A
0.5 A
150 mV
55-64 V
±2.0%
SSL20-7617J
+5 V (VA)
0.2 A
1.2 A
1.5 A
50 mV
5.6-6.9 V
±2.0%
SSL20-7629J
+12 V (VB)
0.1 A
0.8 A
1.2 A
120 mV
--
±5.0%
+5 V (VA)
0.2 A
1.0 A
1.5 A
50 mV
5.6-6.9 V
±2.0%
SSL20-7607J
+12 V (VB)
0.1 A
0.8 A
1.2 A
120 mV
--
±5.0%
-5 V (VC)0 A
0.1 A
1.0 A
50 mV
--
±5.0%
File Name: ssl20.pdf Rev (01): 07 Nov 2005
ALL DIMENSIONS IN INCHES (mm)
2.24
(57.00)
0.97
(24.60)
0.47
(12.00)
0.55
(14.00)
2.09
(53.00)
4.21
(107.00)
72.83
± 0.79
(1850
± 20)
0.98
(25.00)
5
2
4
1
3
6
7
8
0.098
(2.500)
8 PIN MINI DIN
PHONE JACK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com