Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2030-I/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2030-I/ST
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030-I/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2030-I/ST Datasheet HTML 23Page - Microchip Technology MCP2030-I/ST Datasheet HTML 24Page - Microchip Technology MCP2030-I/ST Datasheet HTML 25Page - Microchip Technology MCP2030-I/ST Datasheet HTML 26Page - Microchip Technology MCP2030-I/ST Datasheet HTML 27Page - Microchip Technology MCP2030-I/ST Datasheet HTML 28Page - Microchip Technology MCP2030-I/ST Datasheet HTML 29Page - Microchip Technology MCP2030-I/ST Datasheet HTML 30Page - Microchip Technology MCP2030-I/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 27
MCP2030
4.0
APPLICATION INFORMATION
The MCP2030 is a stand-alone 3-channel analog
front-end device for low frequency (LF) sensing and
bidirectional transponder applications. By connecting
three orthogonally placed LC resonant antennas to
the LC input pins, it can detect signals from all
directions (x, y and z).
The device draws more current when all channels are
enabled as compared to a single channel; therefore, it
is recommended to disable any unused channels by
setting Configuration Register 0 (Register 5-1).
The device’s high input sensitivity (as low as 1 mVPP)
and ability to detect weakly modulated (as low as 8%)
input signals with its low power feature set, makes the
device suitable for various applications such as a low-
cost
hands-free
Passive
Keyless
Entry
(PKE)
transponder, an LF Initiator sensor for Tire Pressure
Monitoring Systems (TPMS) and long-range access
control applications in the automotive and security
industries.
4.1
Battery Back-up and Batteryless
Operation
The device supports both battery back-up and
batteryless operation by the addition of external
components, allowing the device to be partially or
completely powered from the field.
Figure 4-1 shows an example of the external circuit for
the battery back-up.
FIGURE 4-1:
External Circuit Example for LF Field Powering and Battery Back-up Mode.
Note:
Voltage on LCCOM combined with coil
input voltage must not exceed the maxi-
mum LC input voltage.
LCX
LCY
LCZ
VBAT
DBLOCK
CPOOL
DFLAT1
RLIM
LCCOM
CCOM
Air Coil
DFLAT2
CZ
CY
CX
VDD
RCOM
DLIM
LX
LY
LZ
Legend:
CCOM = LCCOM charging capacitor.
CPOOL = Pool capacitor (or battery back-up capacitor), charges in field and powers device.
DBLOCK = Battery protection from reverse charge.
Schottky for low forward bias drop.
DFLAT = Field rectifier diodes.
DLIM = Voltage limiting diode, may be required to limit VDD voltage when in strong fields.
RCOM = LCCOM discharge path.
RLIM = Current limiting resistor, required for air coil in strong fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com