Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2030-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2030-I/ST
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2030-I/ST Datasheet HTML 14Page - Microchip Technology MCP2030-I/ST Datasheet HTML 15Page - Microchip Technology MCP2030-I/ST Datasheet HTML 16Page - Microchip Technology MCP2030-I/ST Datasheet HTML 17Page - Microchip Technology MCP2030-I/ST Datasheet HTML 18Page - Microchip Technology MCP2030-I/ST Datasheet HTML 19Page - Microchip Technology MCP2030-I/ST Datasheet HTML 20Page - Microchip Technology MCP2030-I/ST Datasheet HTML 21Page - Microchip Technology MCP2030-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
MCP2030
DS21981A-page 18
© 2005 Microchip Technology Inc.
FIGURE 2-24:
Example of Minimum Modulation Depth Setting: Modulation Depth of Input Signal =
42%, Minimum Modulation Depth (MODMIN) Setting = 33%.
FIGURE 2-25:
Example of Minimum Modulation Depth Setting: Modulation Depth of Input Signal =
14%, Minimum Modulation Depth (MODMIN) Setting = 14%.
Demodulated output
Input signal with 42%
modulation depth
Demodulated output
Input signal with 14%
modulation depth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com