Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM393DG
Description  Low Offset Voltage Dual Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM393DG Datasheet(HTML) 5 Page - ON Semiconductor

  LM393DG Datasheet HTML 1Page - ON Semiconductor LM393DG Datasheet HTML 2Page - ON Semiconductor LM393DG Datasheet HTML 3Page - ON Semiconductor LM393DG Datasheet HTML 4Page - ON Semiconductor LM393DG Datasheet HTML 5Page - ON Semiconductor LM393DG Datasheet HTML 6Page - ON Semiconductor LM393DG Datasheet HTML 7Page - ON Semiconductor LM393DG Datasheet HTML 8Page - ON Semiconductor LM393DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM393, LM293, LM2903, LM2903V, NCV2903
http://onsemi.com
5
APPLICATIONS INFORMATION
These dual comparators feature high gain, wide
bandwidth characteristics. This gives the device oscillation
tendencies if the outputs are capacitively coupled to the
inputs via stray capacitance. This oscillation manifests itself
during output transitions (VOL to VOH). To alleviate this
situation, input resistors < 10 k
W should be used.
The addition of positive feedback (< 10 mV) is also
recommended. It is good design practice to ground all
unused pins.
Differential input voltages may be larger than supply
voltage without damaging the comparator’s inputs. Voltages
more negative than −0.3 V should not be used.
Figure 8. Zero Crossing Detector
(Single Supply)
Figure 9. Zero Crossing Detector
(Split Supply)
Figure 10. Free−Running Square−Wave Oscillator
Figure 11. Time Delay Generator
Figure 12. Comparator with Hysteresis
10
D1 prevents input from going negative by more than 0.6 V.
R1 + R2 = R3
R3
≤
R5
for small error in zero crossing.
Vin
10 k
D1
R1
8.2 k
6.8 k
R2
15 k
R3
+15 V
10 M
R5
220 k
R4
220 k
LM393
Vin(min) [ 0.4 V peak for 1% phase distortion (DQ).
*
Q
+VCC
10 k
Vin
−VEE
Vin
Vin(min)
VCC
VO
− VEE
DQ
Q
LM393
−
+
LM393
51 k
51 k
51 k
RL
10 k
VCC
VCC
VCC
VO
VO
t
0
1.0 M
W
0.001
mF
−
+
LM393
VCC
VCC
VO
Vin
VO
+ Vref
Vref
Vref
0
0
0
VC
tO
t
‘‘ON’’ for t
­ tO + Dt
where:
Dt = RC n (
Vref
VCC
)
R
RL
VC
C
LM393
−
+
RS
VCC
RL
Vref
R1
R2
RS = R1 | | R2
Vth1 = Vref +
(VCC −Vref) R1
R1 + R2 + RL
Vth2 = Vref −
(Vref −VO Low) R1
R1 + R2
R1
t
−
+
LM393
)
*
)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com