Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM393DG
Description  Low Offset Voltage Dual Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM393DG Datasheet(HTML) 3 Page - ON Semiconductor

  LM393DG Datasheet HTML 1Page - ON Semiconductor LM393DG Datasheet HTML 2Page - ON Semiconductor LM393DG Datasheet HTML 3Page - ON Semiconductor LM393DG Datasheet HTML 4Page - ON Semiconductor LM393DG Datasheet HTML 5Page - ON Semiconductor LM393DG Datasheet HTML 6Page - ON Semiconductor LM393DG Datasheet HTML 7Page - ON Semiconductor LM393DG Datasheet HTML 8Page - ON Semiconductor LM393DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM393, LM293, LM2903, LM2903V, NCV2903
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow ≤ TA ≤ Thigh, unless otherwise noted.)
LM293, LM393
LM2903, LM2903V,
NCV2903
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
mV
TA = 25°C
−
±1.0
±5.0
−
±2.0
±7.0
Tlow ≤ TA ≤ Thigh
−
−
9.0
−
9.0
15
Input Offset Current
IIO
nA
TA = 25°C
−
±5.0
±50
−
±5.0
±50
Tlow ≤ TA ≤ Thigh
−
−
±150
−
±50
±200
Input Bias Current (Note 5)
IIB
nA
TA = 25°C
−
25
250
−
25
250
Tlow ≤ TA ≤ Thigh
−
−
400
−
200
500
Input Common Mode Voltage Range (Note 5)
VICR
V
TA = 25°C
0
−
VCC −1.5
0
−
VCC −1.5
Tlow ≤ TA ≤ Thigh
0
−
VCC −2.0
0
−
VCC −2.0
Voltage Gain
AVOL
50
200
−
25
200
−
V/mV
RL ≥ 15 kW, VCC = 15 Vdc, TA = 25°C
Large Signal Response Time
−
−
300
−
−
300
−
ns
Vin = TTL Logic Swing, Vref = 1.4 Vdc
VRL = 5.0 Vdc, RL = 5.1 kW, TA = 25°C
Response Time (Note 7)
tTLH
−
1.3
−
−
1.5
−
ms
VRL = 5.0 Vdc, RL = 5.1 kW, TA = 25°C
Input Differential Voltage (Note 8)
VID
−
−
VCC
−
−
VCC
V
All Vin ≥ GND or V− Supply (if used)
Output Sink Current
ISink
6.0
16
−
6.0
16
−
mA
Vin ≥ 1.0 Vdc, Vin+ = 0 Vdc, VO ≤ 1.5 Vdc TA = 25°C
Output Saturation Voltage
VOL
mV
Vin ≥ 1.0 Vdc, Vin+ = 0, ISink ≤ 4.0 mA, TA = 25°C
−
150
400
−
−
400
Tlow ≤ TA ≤ Thigh
−
−
700
−
200
700
Output Leakage Current
IOL
nA
Vin− = 0 V, Vin+ ≥ 1.0 Vdc, VO = 5.0 Vdc, TA = 25°C
−
0.1
−
−
0.1
−
Vin− = 0 V, Vin+ ≥ 1.0 Vdc, VO = 30 Vdc,
Tlow ≤ TA ≤ Thigh
−
−
1000
−
−
1000
Supply Current
ICC
mA
RL = ∞ Both Comparators, TA = 25°C
−
0.4
1.0
−
0.4
1.0
RL = ∞ Both Comparators, VCC = 30 V
−
−
2.5
−
−
2.5
LM293 Tlow = −25°C, Thigh = +85°C
LM393 Tlow = 0°C, Thigh = +70°C
LM2903 Tlow = −40°C, Thigh = +105°C
LM2903V & NCV2903 Tlow = −40°C, Thigh = +125°C
NCV2903 is qualified for automotive use.
3. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC, output short circuits to VCC can cause
excessive heating and eventual destruction.
4. At output switch point, VO]1.4 Vdc, RS = 0 W with VCC from 5.0 Vdc to 30 Vdc, and over the full input common mode range (0 V to
VCC = −1.5 V).
5. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state,
therefore, no loading changes will exist on the input lines.
6. Input common mode of either input should not be permitted to go more than 0.3 V negative of ground or minus supply. The upper limit of
common mode range is VCC −1.5 V.
7. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response times are
obtainable.
8. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain within the common
mode range. The low input state must not be less than −0.3 V of ground or minus supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com