Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1996CMS Datasheet(PDF) 13 Page - Linear Technology

Part # LT1996CMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996CMS Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1996CMS Datasheet HTML 9Page - Linear Technology LT1996CMS Datasheet HTML 10Page - Linear Technology LT1996CMS Datasheet HTML 11Page - Linear Technology LT1996CMS Datasheet HTML 12Page - Linear Technology LT1996CMS Datasheet HTML 13Page - Linear Technology LT1996CMS Datasheet HTML 14Page - Linear Technology LT1996CMS Datasheet HTML 15Page - Linear Technology LT1996CMS Datasheet HTML 16Page - Linear Technology LT1996CMS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT1996
13
1996f
Figure 6. LT1996 Provides for Easy Attenuation to the Op Amp’s
+Input. The P9 Input Can Be Taken Well Outside of the Supplies
Figure 7. Over 600 Unique Gain Settings Achievable with the
LT1996 by Combining Attenuation with Noninverting Gain
Attenuation Using the P Input Resistors
Attenuation happens as a matter of fact in difference
amplifier configurations, but it is also used for reducing
peak signal level or improving input common mode range
even in single ended systems. When signal conditioning
indicates a need for attenuation, the LT1996 resistors are
ready at hand. The four precision resistors can provide
several attenuation levels, and these are tabulated in
Table 2 as a design reference.
Because the attenuations and the noninverting gains are
set independently, they can be combined. This provides
high gain resolution, about 700 unique gains between
0.0085 and 118, as plotted in Figure 7. This is too large a
number to tabulate, but the designer can calculate achiev-
able gain by taking the vector product of the gains and
attenuations in Tables 1 and 2, and seeking the best match.
Average gain resolution is 1.5%, with worst case steps of
about 50% as seen in Figure 7.
Table 2. Configuring the P Pins for Various Attenuations. Those
Shown in Bold Are Functional Even When the Input Drive
Exceeds the Supplies
P81, P27, P9, REF Connection
A
P81
P27
P9
REF
0.0085
Grounded
Grounded
Grounded
Driven
0.0092
Grounded
Grounded
Float
Driven
0.0110
Grounded
Float
Grounded
Driven
0.0122
Grounded
Float
Float
Driven
0.0270
Float
Grounded
Grounded
Driven
0.0357
Float
Grounded
Float
Driven
0.0763
Grounded
Grounded
Driven
Grounded
0.0769
Grounded
Grounded
Driven
Float
0.0847
Grounded
Grounded
Driven
Driven
0.0989
Grounded
Float
Driven
Grounded
0.1
Grounded
Float
Driven
Float
0.110
Grounded
Float
Driven
Driven
0.229
Grounded
Driven
Grounded
Grounded
0.231
Grounded
Driven
Grounded
Float
0.237
Grounded
Driven
Grounded
Driven
0.243
Float
Grounded
Driven
Grounded
0.248
Grounded
Driven
Float
Grounded
0.25
Float
Grounded
Driven
Float
0.25
Grounded
Driven
Float
Float
0.257
Grounded
Driven
Float
Driven
0.270
Float
Grounded
Driven
Driven
0.305
Grounded
Driven
Driven
Grounded
0.308
Grounded
Driven
Driven
Float
0.314
Grounded
Driven
Driven
Driven
0.686
Driven
Grounded
Grounded
Grounded
0.692
Driven
Grounded
Grounded
Float
0.695
Driven
Grounded
Grounded
Driven
0.730
Float
Driven
Grounded
Grounded
0.743
Driven
Grounded
Float
Grounded
0.75
Float
Driven
Grounded
Float
0.752
Driven
Grounded
Float
Driven
0.757
Float
Driven
Grounded
Driven
0.763
Driven
Grounded
Driven
Grounded
0.769
Driven
Grounded
Driven
Float
0.771
Driven
Grounded
Driven
Driven
0.890
Driven
Float
Grounded
Grounded
0.9
Float
Float
Driven
Grounded
0.901
Driven
Float
Grounded
Driven
0.915
Driven
Driven
Grounded
Grounded
0.923
Driven
Driven
Grounded
Float
0.924
Driven
Driven
Grounded
Driven
0.964
Float
Driven
Float
Grounded
0.973
Float
Driven
Driven
Grounded
0.988
Driven
Float
Float
Grounded
0.989
Driven
Float
Driven
Grounded
0.991
Driven
Driven
Float
Grounded
0.992
Driven
Driven
Driven
Grounded
APPLICATIO S I FOR ATIO
VIN
OKAY UP
TO ±60V
+
450k/81
450k/27
450k/9
450k
5
1
2
3
LT1991 ATTENUATING TO THE +INPUT BY
DRIVING AND GROUNDING AND FLOATING
INPUTS RA = 50k, RG = 50k/9, SO A = 0.1.
VINT
VINT
VINT = A • VIN
A = RG/(RA + RG)
VIN
LT1996
RA
RG
1996 F06
CLASSICAL ATTENUATOR
COUNT
0
1000
100
10
1
0.1
0.01
0.001
300
1996 F07
100
200
400
500
700
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com