Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1996CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LT1996CMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996CMS Datasheet(HTML) 2 Page - Linear Technology

  LT1996CMS Datasheet HTML 1Page - Linear Technology LT1996CMS Datasheet HTML 2Page - Linear Technology LT1996CMS Datasheet HTML 3Page - Linear Technology LT1996CMS Datasheet HTML 4Page - Linear Technology LT1996CMS Datasheet HTML 5Page - Linear Technology LT1996CMS Datasheet HTML 6Page - Linear Technology LT1996CMS Datasheet HTML 7Page - Linear Technology LT1996CMS Datasheet HTML 8Page - Linear Technology LT1996CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1996
2
1996f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆G
Gain Error
VS = ±15V, VOUT = ±10V; RL = 10k
G = 81; LT1996AMS
●
±0.02
±0.05
%
G = 27; LT1996AMS
●
±0.03
±0.06
%
G = 9; LT1996AMS
●
±0.03
±0.07
%
G = 81; LT1996ADD
●
±0.02
±0.05
%
G = 27; LT1996ADD
●
±0.02
±0.07
%
G = 9; LT1996ADD
●
±0.03
±0.08
%
G = 81; LT1996
●
±0.04
±0.12
%
G = 27; LT1996
●
±0.04
±0.12
%
G = 9; LT1996
●
±0.04
±0.12
%
GNL
Gain Nonlinearity
VS = ±15V; VOUT = ±10V; RL = 10k; G = 9
●
1
10
ppm
∆G/∆T
Gain Drift vs Temperature (Note 6)
VS = ±15V; VOUT = ±10V; RL = 10k
●
0.3
3
ppm/°C
CMRR
Common Mode Rejection Ratio,
VS = ±15V; G = 9; VCM = ±15.3V
Referred to Inputs (RTI)
LT1996AMS
●
80
100
dB
LT1996ADD
●
80
100
dB
LT1996
●
70
100
dB
VS = ±15V; G = 27; VCM = –14.5V to 14.3V
LT1996AMS
●
95
105
dB
LT1996ADD
●
90
105
dB
LT1996
●
75
105
dB
PACKAGE/ORDER I FOR ATIO
Total Supply Voltage (V+ to V–) ............................... 40V
Input Voltage (Pins P9/M9, Note 2) ....................... ±60V
Input Current
(Pins P27/M27/P81/M81, Note 2) .................. ±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...–40°C to 85°C
Specified Temperature Range (Note 5) ....–40°C to 85°C
ORDER PART
NUMBER
MS PART MARKING*
TJMAX = 150°C, θJA = 230°C/W
LTBPB
LT1996CMS
LT1996IMS
LT1996ACMS
LT1996AIMS
ABSOLUTE
AXI U
RATI GS (Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Difference amplifier configuration, VS = 5V, 0V or ±15V;
VCM = VREF = half supply, unless otherwise noted.
*Temperature and electrical grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
P9
P27
P81
VEE
REF
10
9
8
7
6
M9
M27
M81
VCC
OUT
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Maximum Junction Temperature
DD Package ...................................................... 125°C
MS Package ..................................................... 150°C
Storage Temperature Range
DD Package .......................................–65°C to 125°C
MS Package ......................................–65°C to 150°C
MSOP–Lead Temperature (Soldering, 10 sec)...... 300°C
ORDER PART
NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO VEE
(PCB CONNECTION OPTIONAL)
LBPC
LT1996CDD
LT1996IDD
LT1996ACDD
LT1996AIDD
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
M9
M27
M81
VCC
OUT
P9
P27
P81
VEE
REF
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com