Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV393D
Description  Dual 4-bit binary ripple counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV393D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV393D Datasheet HTML 2Page - NXP Semiconductors 74LV393D Datasheet HTML 3Page - NXP Semiconductors 74LV393D Datasheet HTML 4Page - NXP Semiconductors 74LV393D Datasheet HTML 5Page - NXP Semiconductors 74LV393D Datasheet HTML 6Page - NXP Semiconductors 74LV393D Datasheet HTML 7Page - NXP Semiconductors 74LV393D Datasheet HTML 8Page - NXP Semiconductors 74LV393D Datasheet HTML 9Page - NXP Semiconductors 74LV393D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV393
Dual 4-bit binary ripple counter
1998 Jun 10
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KW
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
–
75
–
–
–
tPHL/tPLH
Propagation delay
Figure 1
2.0
–
26
49
–
60
ns
tPHL/tPLH
gy
nCP to nQ0
Figure 1
2.7
–
19
36
–
44
ns
3.0 to 3.6
–
142
29
–
35
1.2
–
25
–
–
–
tPHL/tPLH
Propagation delay
Figure 1
2.0
–
9
17
–
20
ns
tPHL/tPLH
gy
nQn to nQn+1
Figure 1
2.7
–
6
13
–
15
ns
3.0 to 3.6
–
52
10
–
12
1.2
–
70
–
–
–
tPHL
Propagation delay
Figure 2
2.0
–
24
44
–
54
ns
tPHL
gy
nMR to nQn
Figure 2
2.7
–
18
33
–
40
ns
3.0 to 3.6
–
132
26
–
32
Cl
k
l
idth
2.0
34
10
–
41
–
tW
Clock pulse width
HIGH or LOW
Figure 1
2.7
25
8
–
30
–
ns
HIGH or LOW
3.0 to 3.6
20
62
–
24
–
Mt
t
l
2.0
34
12
–
41
–
tW
Master reset pulse
width; HIGH
Figure 2
2.7
25
9
–
30
–
ns
width HIGH
3.0 to 3.6
20
72
–
24
–
1.2
–
5
–
–
–
t
Removal time
Figure 2
2.0
5
2
–
5
–
ns
trem
nMR to nCP
Figure 2
2.7
5
2
–
5
–
ns
3.0 to 3.6
5
12
–
5
–
Mi
lk
2.0
14
53
–
12
–
fmax
Maximum clock
pulse frequency
Figure 1
2.7
19
72
–
16
–
MHz
ulse frequency
3.0 to 3.6
24
902
–
20
–
NOTES:
1. All typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com