Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV393D
Description  Dual 4-bit binary ripple counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV393D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV393D Datasheet HTML 3Page - NXP Semiconductors 74LV393D Datasheet HTML 4Page - NXP Semiconductors 74LV393D Datasheet HTML 5Page - NXP Semiconductors 74LV393D Datasheet HTML 6Page - NXP Semiconductors 74LV393D Datasheet HTML 7Page - NXP Semiconductors 74LV393D Datasheet HTML 8Page - NXP Semiconductors 74LV393D Datasheet HTML 9Page - NXP Semiconductors 74LV393D Datasheet HTML 10Page - NXP Semiconductors 74LV393D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV393
Dual 4-bit binary ripple counter
1998 Jun 10
7
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V
VM = 0.5 * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00678
VM
nCP INPUT
VCC
GND
VOH
VOL
nQn OUTPUT
VM
tPLH
tPHL
1/fmax
Figure 1. Clock (nCP) to output (1Qn, 2Qn) propagation delays,
the clock pulse width, and the maximum clock frequency
SV00679
VM
nMR INPUT
nCP INPUT
VCC
VCC
GND
GND
VOL
VOH
nQn OUTPUT
VM
VM
trem
tPHL
tW
Figure 2. Master reset (nMR) pulse width,
the master reset to output (Qn) propagation delays,
and the master reset to clock (nCP) removal time
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1k
VCC
Test Circuit for switching times
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
50pF
SV00901
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
2.7–3.6V
2.7V
Figure 3. Load circuitry for switching times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com