Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICOGLF10W Datasheet(PDF) 21 Page - Aims Power

Part # PICOGLF10W
Description  Global LF Series Pure Sine Wave Inverter Charger Users Manual
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power

PICOGLF10W Datasheet(HTML) 21 Page - Aims Power

Back Button PICOGLF10W Datasheet HTML 17Page - Aims Power PICOGLF10W Datasheet HTML 18Page - Aims Power PICOGLF10W Datasheet HTML 19Page - Aims Power PICOGLF10W Datasheet HTML 20Page - Aims Power PICOGLF10W Datasheet HTML 21Page - Aims Power PICOGLF10W Datasheet HTML 22Page - Aims Power PICOGLF10W Datasheet HTML 23Page - Aims Power PICOGLF10W Datasheet HTML 24Page - Aims Power PICOGLF10W Datasheet HTML 25Page - Aims Power Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
19
2.5.13 Other Features
Battery Temperature Sensing
Applying the proper charge voltage is critical for achieving optimum battery performance and longevity. The
ideal charge voltage required by batteries changes with battery temperature.
The Battery Temperature Sensor allows the charger to continuously adjust charge voltage based on actual
battery temperature. Temperature compensation of charge voltage assures that the battery receives the proper
charge voltage as battery temperature varies. The temp sensor sends precise information to the charger,
which automatically adjusts voltage to help ensure full battery charge depending on the ambient temperature
of your battery.
When the battery voltage is over 104℉ it will reduce the charging voltage by 0.1Vdc with every degree of
temperature rise. AIMS recommends using the battery sensor to protect your batteries and to provide optimal
charging. The Bat Temp Sensor attaches to the side of a battery, closest to the negative terminal using
electrical tape or silicon.
Inverter Condition
Temp on BST
Operation
Charger Mode
BTS ≥ 122℉
Automatically turns off charger
BTS ≤ 104℉
Automatically turns on charger
Inverter Mode
104℉ ≤ BTS ≤ 122℉
Increases the low voltage shut
down point by 0.5Vdc
BTS ≥ 122℉
Over Temp Fault
Battery voltage recovery start
After low battery voltage shut off (10V for 12V model or 20V for 24V model or 40V for 48V model), the
inverter restores operation after the battery voltage recovers to 13V/26V/52V (with power switch still in
the “On” position). This function helps users and saves time and extra labor to reactivate the inverter
when the low battery voltage returns to an acceptable range in renewable energy systems. The built in
battery charger will automatically reactivate as soon as city/generator AC has been stable for 15 seconds.
WARNING
Never leave the loads unattended, some loads (like a heater) may cause accidents in such cases.
It is better to shut everything off after low voltage trip than to leave your load on, due to the risk of fire.
Conformal Coating
AIMS Power's entire line of Global LF inverters have been processed with a conformal coating on the PCB,
making it water, rust, and dust resistant as well as corrosion resistant.
While these units are designed to withstand corrosion from the salty air, they are not splash proof.
2.5.14 Automatic Voltage Regulation
The automatic voltage regulation function is for full series of APS Pure Sine Wave Inverter/ Charger except
Instead of simply bypassing the input AC to power the loads, the APS series inverter stabilizes the input AC
voltage to a range of 230V/120V±10%.
Connected with batteries, the APS Series inverter will function as a UPS with max transfer time of 10 ms.
With the unique features our inverter provides, it will bring you long-term trouble-free operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com