Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7750 Datasheet(PDF) 39 Page - OmniVision Technologies, Inc.

Part # OV7750
Description  CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7750 Datasheet(HTML) 39 Page - OmniVision Technologies, Inc.

Back Button OV7750 Datasheet HTML 35Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 36Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 37Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 38Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 39Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 40Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 41Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 42Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 43Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
10.12.2015
PRODUCT SPECIFICATION
proprietary to OmniVision Technologies
2-23
2.9.5 group write and fast mode switching
Group write is supported in order to update a group of registers in the same frame. These registers are guaranteed to
be written prior to the internal latch at the frame boundary. Group write can be used to switch modes quickly.
table 2-13
context switching control
address
register name
default
value
R/W
description
0x3208
GROUP ACCESS
–
W
Group Access
Bit[7:4]: group_ctrl
0000:
Group hold start
0001:
Group hold end
1010:
Group launch
1110:
Immediate launch
others: Reserved
Bit[3:0]: group_id
0000:
Group bank 0, default start
from address 0x00
0001:
Group bank 1, default start
from address 0x40
others: Reserved
0x3209
GRP0_PERIOD
0x00
RW
Frames For Staying in Group 0
0x320A
GRP1_PERIOD
0x00
RW
Frames For Staying in Group 1
0x320B
GRP_SWCTRL
0x01
RW
Bit[3]:
group_switch_repeat
Bit[2]:
Group switch enable
Bit[1:0]: Second group selection
0x320D
GRP_ACT
–
R
Indicates Which Group is Active
0x320E
FRAME_CNT_GRP0
–
R
frame_cnt_grp0
0x320F
FRAME_CNT_GRP1
–
R
frame_cnt_grp1
39
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com