Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7750 Datasheet(PDF) 64 Page - OmniVision Technologies, Inc.

Part # OV7750
Description  CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7750 Datasheet(HTML) 64 Page - OmniVision Technologies, Inc.

Back Button OV7750 Datasheet HTML 60Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 61Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 62Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 63Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 64Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 65Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 66Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 67Page - OmniVision Technologies, Inc. OV7750 Datasheet HTML 68Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 125 page
background image
CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
OV7750/OV7251
proprietary to OmniVision Technologies
PRODUCT SPECIFICATION
version 2.12
0x4815
MIPI_DT_SPKT
0x40
RW
Bit[6]:
pclk_inv
0:
Use mipi_pclk_o rising edge
1:
Use mipi_pclk_o falling edge
0x4818
HS_ZERO_MIN
0x00
RW
High Byte of Minimum Value for hs_zero, unit: ns
0x4819
HS_ZERO_MIN
0x9A
RW
Low Byte of Minimum Value for hs_zero, unit: ns
hs_zero_real = hs_zero_min_o +
Tui*ui_hs_zero_min_o
0x481A
HS_TRAIL_MIN
0x00
RW
High Byte of Minimum Value for hs_trail, unit: ns
0x481B
HS_TRAIL_MIN
0x3C
RW
Low Byte of Minimum Value for hs_trail, unit: ns
hs_trail_real = hs_trail_min_o + Tui*ui_hs_trail_min_o
0x481C
CLK_ZERO_MIN
0x01
RW
High Byte of Minimum Value for clk_zero, unit: ns
0x481D
CLK_ZERO_MIN
0x86
RW
Low Byte of Minimum Value for clk_zero, unit: ns
clk_zero_real = clk_zero_min_o +
Tui*ui_clk_zero_min_o
0x481E
CLK_PREPARE_
MIN
0x00
RW
High Byte of Minimum Value for clk_prepare, unit: ns
0x481F
CLK_PREPARE_
MIN
0x3C
RW
Low Byte of Minimum Value for clk_prepare, unit: ns
clk_prepare_real = clk_prepare_min_o +
Tui*ui_clk_prepare_min_o
0x4820
CLK_POST_MIN
0x00
RW
High Byte of Minimum Value for clk_post, unit: ns
Bit[1:0]: clk_post_min[9:8]
0x4821
CLK_POST_MIN
0x56
RW
Low Byte of Minimum Value for clk_post, unit: ns
clk_post_real = clk_post_min_o +
Tui*ui_clk_post_min_o
0x4822
CLK_TRAIL_MIN
0x00
RW
High Byte of Minimum Value for clk_trail, unit: ns
Bit[1:0]: clk_trail_min[9:8]
0x4823
CLK_TRAIL_MIN
0x3C
RW
Low Byte of Minimum Value for clk_trail
clk_trail_real = clk_trail_min_o + Tui*ui_clk_trail_min_o
0x4824
LPX_P_MIN
0x00
RW
High Byte of Minimum Value for lpx_p, unit: ns
Bit[1:0]: lpx_p_min[9:8]
0x4825
LPX_P_MIN
0x32
RW
Low Byte of Minimum Value for lpx_p, unit: ns
lpx_p_real = lpx_p_min_o + Tui*ui_lpx_p_min_o
0x4826
HS_PREPARE_MIN
0x00
RW
High Byte of Minimum Value of hs_prepare, unit: ns
0x4827
HS_PREPARE_MIN
0x32
RW
Low Byte of Minimum Value for hs_prepare, unit: ns
hs_prepare_real = hs_prepare_min_o +
Tui*ui_hs_prepare_min_o
0x4828
HS_EXIT_MIN
0x00
RW
High Byte of Minimum Value for hs_exit, unit: ns
Bit[1:0]: hs_exit_min[9:8]
table 6-1
MIPI top control registers (sheet 6 of 9)
address
register name
default
value
R/W
description
64
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com