Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4E Datasheet(PDF) 13 Page - ATMEL Corporation

Part # SAM4E
Description  SAM4E Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button SAM4E Datasheet HTML 9Page - ATMEL Corporation SAM4E Datasheet HTML 10Page - ATMEL Corporation SAM4E Datasheet HTML 11Page - ATMEL Corporation SAM4E Datasheet HTML 12Page - ATMEL Corporation SAM4E Datasheet HTML 13Page - ATMEL Corporation SAM4E Datasheet HTML 14Page - ATMEL Corporation SAM4E Datasheet HTML 15Page - ATMEL Corporation SAM4E Datasheet HTML 16Page - ATMEL Corporation SAM4E Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
SAM4E-EK Evaluation Kit [USER GUIDE]
Atmel-42067C-SAM4E-EK_UserGuide_022016
1
3
13
4.3.9
Ethernet MAC 10/100 (EMAC)
The EMAC module implements a 10/100 Ethernet MAC compatible with the IEEE® 802.3 standard using
an address checker, statistics and control registers, receive and transmit blocks, and a DMA interface.
The Atmel SAM4E-EK is equipped with a MICREL KSZ8081MNX 10/100 Mbps Fast Ethernet Physical
Layer transceiver. It contains the entire physical layer functions of 100BASE-TX as defined by IEEE
802.3u.
The Ethernet interface provides MII for 100Base-TX or 10Base-TX. The MII interfaces are capable of both
10Mb/s and 100Mb/s data rates as described in the IEEE 802.3u standard. The Ethernet interface
integrates an RJ45 connector with an embedded transformer, and two status LEDs.
Figure 4-8.
Ethernet Block
4.3.10 CAN
The CAN controller provides all the features required to implement the serial communication protocol CAN
defined by Robert Bosch GmbH, the CAN specification as referred to by ISO/11898A (2.0 Part A and 2.0
Part B) for high speeds and ISO/11519-2 for low speeds. The CAN Controller is able to handle all types of
frames (Data, Remote, Error and Overload) and achieves a bit rate of 1Mbit/sec.
The Atmel SAM4E has two CAN Controller with eight Mailboxes.
SAM4E-EK connects the CAN0 and CAN1 bus to the CAN transceiver SN65HVD234 (U15 and U17).
The extension connector (J41 and J44) type is RJ12 female socket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com