Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GZ2 Datasheet(PDF) 4 Page - Relpol S.A.

Part # GZ2
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

GZ2 Datasheet(HTML) 4 Page - Relpol S.A.

  GZ2 Datasheet HTML 1Page - Relpol S.A. GZ2 Datasheet HTML 2Page - Relpol S.A. GZ2 Datasheet HTML 3Page - Relpol S.A. GZ2 Datasheet HTML 4Page - Relpol S.A. GZ2 Datasheet HTML 5Page - Relpol S.A. GZ2 Datasheet HTML 6Page - Relpol S.A. GZ2 Datasheet HTML 7Page - Relpol S.A. GZ2 Datasheet HTML 8Page - Relpol S.A. GZ2 Datasheet HTML 9Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
4
Plug-in sockets and accessories
EC 35
For RM87N, RM87N sensitive,
RM92
For PCB
31,3 x 12,7 x 9 mm
One pole, 3,5 mm pinout
12 A, 300 V AC
Dimensions
Accessories
GD35
For RM87N, RM87N sensitive,
RM92
For PCB
31,5 x 13 x 9 mm
One pole, 3,5 mm pinout
12 A, 300 V AC
Dimensions
Accessories
Pinout
Pinout
GD-0025
MH16-2
MH25-2
MP16-2
MP25-2
RM81-0001
MP16-2
GD-0016
MH16-2
MP25-2
GD-0025
MH25-2
RM81-0001
❶
Mounting and sub-assemblies of accessories in the socket - see page 9. Signalling / protecting modules type M... - see page 20.
❷
In the bracket the height of socket with retainer / retractor clip is shown.
EC 32
For PCB
31 x 12,7 x 9 mm
One pole, 3,2 mm pinout
12 A, 300 V AC
Dimensions
Accessories
Pinout
MH16-2
MP16-2
ES 32
For RM96 1 CO
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715 or on panel
mounting
75 x 15,5 x 42,5(59) mm ❷
One pole, 3,2 mm pinout
12 A, 300 V AC
Dimensions
Connection diagrams
Accessories ❶
COM
NC
NO
COIL
GZM80-0041
Module type M...
MS 16
ZGGZ80
TR
GZMB80-0040
RM96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com