Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GZ2 Datasheet(PDF) 5 Page - Relpol S.A.

Part # GZ2
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

GZ2 Datasheet(HTML) 5 Page - Relpol S.A.

  GZ2 Datasheet HTML 1Page - Relpol S.A. GZ2 Datasheet HTML 2Page - Relpol S.A. GZ2 Datasheet HTML 3Page - Relpol S.A. GZ2 Datasheet HTML 4Page - Relpol S.A. GZ2 Datasheet HTML 5Page - Relpol S.A. GZ2 Datasheet HTML 6Page - Relpol S.A. GZ2 Datasheet HTML 7Page - Relpol S.A. GZ2 Datasheet HTML 8Page - Relpol S.A. GZ2 Datasheet HTML 9Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
5
Plug-in sockets and accessories
NC
COM
NO
COIL
GZM2
For R2N
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
75 x 27 x 61(82) mm ❷
Two poles
12 A, 300 V AC
Dimensions
Connection diagram
Accessories ❶
GZT2
For R2N
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
76,3 x 27 x 42,5(80) mm ❷
Two poles
12 A, 300 V AC
Dimensions
Connection diagram
Accessories ❶
NC
COM
NO
COIL
NC
COM
NO
COIL
GZT4-0035
Module type M...
G4 1052
GZT4-0040
ZGGZ4
GZT4-0035
Module type M...
G4 1052
GZT4-0040
ZGGZ4
❶
Mounting and sub-assemblies of accessories in the socket - see page 9. Signalling / protecting modules type M... - see page 20.
❷
In the bracket the height of socket with retainer / retractor clip is shown.
GZMB2
For R2N
Spring terminals
Max. cross section of the cables:
1 x 0,2...1,5 mm2
(1 x 24...16 AWG)
Length of the cable deinsulation:
9...11 mm
35 mm rail mount
acc. to PN-EN 60715
95 x 31 x 42,5(80) mm ❷
Two poles
10 A, 300 V AC
Dimensions
Connection diagram
Accessories ❶
Wire connection
The drawings present the sequence of operations in
course of inserting wires to the spring terminal, and
the recommended screwdriver to be used for opening
of case springs, comply with the DIN 5264 FORM „A”.
Module type M...
TR
G4 1052
GZMB4-0040
Wire connection
holes
Release
holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com