Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC50 Datasheet(PDF) 11 Page - Relpol S.A.

Part # EC50
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

EC50 Datasheet(HTML) 11 Page - Relpol S.A.

Back Button EC50 Datasheet HTML 7Page - Relpol S.A. EC50 Datasheet HTML 8Page - Relpol S.A. EC50 Datasheet HTML 9Page - Relpol S.A. EC50 Datasheet HTML 10Page - Relpol S.A. EC50 Datasheet HTML 11Page - Relpol S.A. EC50 Datasheet HTML 12Page - Relpol S.A. EC50 Datasheet HTML 13Page - Relpol S.A. EC50 Datasheet HTML 14Page - Relpol S.A. EC50 Datasheet HTML 15Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
11
PZ8
For R15 - 2 CO
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
68,2 x 38 x 24,2 mm
Two poles
10 A, 250 V AC
Dimensions
Connection diagram
Accessories
❹
Have obtained LR Type Approval Certificate (Lloyd’s Register).
GZ8
For R15 - 2 CO
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
On panel mounting
82,8 x 35,5 x 22,5 mm
Two poles
10 A, 300 V AC
Dimensions
Connection diagram
Mounting
dimensions
Accessories
GZU8
For R15 - 2 CO
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
82 x 35,5 x 25,7 mm
Two poles
10 A, 300 V AC
Dimensions
Connection diagram
Adaptor
Accessories
GZS8
For R15 - 2 CO
Screw terminals
Max. tightening moment
for the terminal: 1,0 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
51,3 x 40,8 x 21 mm
Two poles
10 A, 300 V AC
Dimensions
Connection diagram
Plug-in sockets and accessories
PZ11 0031
GZU 1052
GZ 1050
❹



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com