Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC50 Datasheet(PDF) 16 Page - Relpol S.A.

Part # EC50
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

EC50 Datasheet(HTML) 16 Page - Relpol S.A.

Back Button EC50 Datasheet HTML 12Page - Relpol S.A. EC50 Datasheet HTML 13Page - Relpol S.A. EC50 Datasheet HTML 14Page - Relpol S.A. EC50 Datasheet HTML 15Page - Relpol S.A. EC50 Datasheet HTML 16Page - Relpol S.A. EC50 Datasheet HTML 17Page - Relpol S.A. EC50 Datasheet HTML 18Page - Relpol S.A. EC50 Datasheet HTML 19Page - Relpol S.A. EC50 Datasheet HTML 20Page - Relpol S.A.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
16
Signalling / protecting modules type M...
❶
M...R - LED red, M...G - LED green
❷
When ordering modules indicate their color: gray or black.
M21P
M31R, M31G
M32R, M32G
M33R, M33G
M51
M52
M53
M21N
6/230 V DC
6/24 V DC
24/60 V DC
110/230 V DC
6/24 V AC
24/60 V AC
110/240 V AC
6/230 V DC
Module D (polarization P)
It limits overvoltage on DC coils.
Module LD (polarization P)
It limits overvoltage on DC coils.
Coil energizing indication.
Module LD (polarization N)
It limits overvoltage on DC coils.
Coil energizing indication.
Module RC
It protects against EMC disturbance.
It limits overvoltage.
Module D (polarization N)
It limits overvoltage on DC coils.
M41R, M41G
M42R, M42G
M43R, M43G
6/24 V DC
24/60 V DC
110/230 V DC
Module L
Coil energizing indication.
Module V
It limits overvoltage on AC and DC coils.
No indication.
M61R, M61G
M62R, M62G
M63R, M63G
6/24 V AC/DC
24/60 V AC/DC
110/230 V AC/DC
Module LV
It limits overvoltage on AC and DC coils.
Coil energizing indication.
M91R, M91G
M92R, M92G
M93R, M93G
6/24 V AC/DC
24/60 V AC/DC
110/230 V AC/DC
M71
M72
M73
24 V AC
130 V AC
230 V AC
Module R
It limits overvoltage on AC coils.
M103
110/230 V AC
Voltage
Modules type M...
Layout
Type of module ❶ ❷
MODULE
type M...
LED red
– M...R
LED green
– M...G
For sockets type:
GZT80, GZM80, GZS80, GZMB80, GZT92, GZM92, GZS92, ES 32,
GZT2, GZM2, GZMB2, GZT3, GZM3, GZT4, GZM4, GZMB4
Modules type M... are parallely connected with relay coil.
Polarity P: -A1/+A2. Polarity N: +A1/-A2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com