Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD35 Datasheet(PDF) 17 Page - Relpol S.A.

Part # GD35
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

GD35 Datasheet(HTML) 17 Page - Relpol S.A.

Back Button GD35 Datasheet HTML 12Page - Relpol S.A. GD35 Datasheet HTML 13Page - Relpol S.A. GD35 Datasheet HTML 14Page - Relpol S.A. GD35 Datasheet HTML 15Page - Relpol S.A. GD35 Datasheet HTML 16Page - Relpol S.A. GD35 Datasheet HTML 17Page - Relpol S.A. GD35 Datasheet HTML 18Page - Relpol S.A. GD35 Datasheet HTML 19Page - Relpol S.A. GD35 Datasheet HTML 20Page - Relpol S.A.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
17
Interconnection strips ZGGZ80
❸
Interface relay
PI84 (PI85) is offered as a set: plug-in socket GZT80 or GZM80 + miniature relay RM84
(
RM85) + signalling / protecting module type M... + retainer / retractor clip GZT80-0040 + description plate
GZT80-0035. ❹ Also versions RM87. sensitive
Relays
for plug-in sockets
RM84, RM85, RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L ❹, RM87P ❹,
RM87N ❹
RM96 1 CO
Plug-in
sockets
GZT80
GZM80
GZS80
GZT92
GZM92
GZS92
ES 32
Interface
relays ❸
PI84-...-M..G (RM84 + GZT80)
PI84-...-00L. (RM84 + GZM80)
PI85-...-M..G (RM85 + GZT80)
PI85-...-00L. (RM85 + GZM80)
Interconnection strip ZGGZ80
• designed for the co-operation with plug-in sockets
of miniature relays and with interface relays
PI84 and PI85, which are equipped with screw
terminals; sockets and relays are mounted
on 35 mm rail mount acc. to PN-EN 60715,
• bridges common input signals (coil terminals
A1 or A2) or output signals - see photo at the top,
• maximum permissible current is 10 A / 250 V AC,
• possibility of connection of 8 sockets or relays,
• colours of strips:
ZGGZ80-1 grey, ZGGZ80-2 black.
ZGGZ80 for:
PI85-...-00L.
(RM85 + GZM80)
ZGGZ80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com