Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD35 Datasheet(PDF) 20 Page - Relpol S.A.

Part # GD35
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

GD35 Datasheet(HTML) 20 Page - Relpol S.A.

Back Button GD35 Datasheet HTML 12Page - Relpol S.A. GD35 Datasheet HTML 13Page - Relpol S.A. GD35 Datasheet HTML 14Page - Relpol S.A. GD35 Datasheet HTML 15Page - Relpol S.A. GD35 Datasheet HTML 16Page - Relpol S.A. GD35 Datasheet HTML 17Page - Relpol S.A. GD35 Datasheet HTML 18Page - Relpol S.A. GD35 Datasheet HTML 19Page - Relpol S.A. GD35 Datasheet HTML 20Page - Relpol S.A.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
20
Test buttons (no latching) and plugs
Test buttons (no latching) are recommended for R2N...WT, R3N...WT, R4N...WT, R15...WT 2 CO, R15...WT 3 CO
relays -
for applications that do not allow permanent contact latching. By manual operation (pressing the button)
relay contacts can get switched for as long time as long the button is pressed. Contacts return to initial position as soon
as pressure is released from the button. Those operations can be done while the coil is deenergized.
Button
R4P-0001 or R15-M404 can be easily inserted by
the Customer after removal of button type
T (see Fig. 2).
Button type
T can be removed with screwdriver as shown
on Fig. 1.
Plugs R4W-0003 or R15-M203 can substitute button type T if manual operation (latching and testing) is not
allowed. Changing button type T for plug can be done by Customer themselves in the same way as changing button
type
T for button (no latching).
Fig. 1
Fig. 2
Dimensions - test button R4P-0001
for
R2N...WT, R3N...WT, R4N...WT
Dimensions - test button R15-M404
for
R15...WT 2 CO, R15...WT 3 CO
Dimensions - plug R4W-0003
for
R2N...WT, R3N...WT, R4N...WT
Dimensions - plug R15-M203
for
R15...WT 2 CO, R15...WT 3 CO
Types of buttons:
R4P-0001-A - orange colour (AC coils)
R4P-0001-D - green colour (DC coils)
Types of buttons:
R15-M404-A - orange colour (AC coils)
R15-M404-D - green colour (DC coils)
Types of plugs:
R4W-0003-A - orange colour (AC coils)
R4W-0003-D - green colour (DC coils)
Types of plugs:
R15-M203-A - orange colour (AC coils)
R15-M203-D - green colour (DC coils)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com