Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72334J2T1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST72334J2T1
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2T1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST72334J2T1 Datasheet HTML 34Page - STMicroelectronics ST72334J2T1 Datasheet HTML 35Page - STMicroelectronics ST72334J2T1 Datasheet HTML 36Page - STMicroelectronics ST72334J2T1 Datasheet HTML 37Page - STMicroelectronics ST72334J2T1 Datasheet HTML 38Page - STMicroelectronics ST72334J2T1 Datasheet HTML 39Page - STMicroelectronics ST72334J2T1 Datasheet HTML 40Page - STMicroelectronics ST72334J2T1 Datasheet HTML 41Page - STMicroelectronics ST72334J2T1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
38/125
5.2 POWER SAVING MODES
5.2.1 Introduction
To give a large measure of flexibility to the applica-
tion in terms of power consumption, four main
power saving modes are implemented in the ST7.
After a RESET the normal operating mode is se-
lected by default (RUN mode). This mode drives
the device (CPU and embedded peripherals) by
means of a master clock which is based on the
main oscillator frequency divided by 2 (fCPU).
From Run mode, the different power saving
modes may be selected by setting the relevant
register bits or by calling the specific ST7 software
instruction whose action depends on the the oscil-
lator status.
Figure 27. Power saving mode consumption / transitions
5.2.2 HALT Modes
The HALT modes are the lowest power consump-
tion modes of the MCU. They are entered by exe-
cuting the ST7 HALT instruction (see Figure 29).
Two different HALT modes can be distinguished:
– HALT: main oscillator is turned off,
– ACTIVE-HALT: only main oscillator is running.
The decision to enter either in HALT or ACTIVE-
HALT mode is given by the main oscillator enable
interrupt flag (OIE bit in CROSS-MCCSR register:
see Table 7).
When entering HALT modes, the I bit in the CC
register is forced to 0 to enable interrupts.
The MCU can exit HALT or ACTIVE-HALT modes
on reception of an interrupt with Exit from Halt
Mode capability or a reset (see Table 6 page 37).
A 4096 CPU clock cycles delay is performed be-
fore the CPU operation resumes (see Figure 28).
After the start up delay, the CPU resumes opera-
tion by servicing the interrupt or by fetching the re-
set vector which woke it up.
Table 7. HALT Modes selection
Figure 28. HALT /ACTIVE-HALT Modes timing overview
POWER CONSUMPTION
WAIT
SLOW
RUN
HALT
ACTIVE-HALT
High
Low
SLOW WAIT
MCCSR
OIE
flag
Power Saving Mode entered when HALT
instruction is executed
0
HALT (reset if watchdog enabled)
1
ACTIVE-HALT (no reset if watchdog enabled)
HALT OR ACTIVE-HALT
RUN
RUN
4096 CPU CYCLE
DELAY
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com